Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-H3A1 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADSP-H3A1
Description  0.36??Single Digit PCB Based LED Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADSP-H3A1 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ADSP-H3A1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3A1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3A1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3A1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3A1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3A1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3A1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3A1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3A1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For product information and a complete list of distributors, please go to our web site: www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Pte. in the United States and other countries.
Data subject to change. Copyright © 2005 Avago Technologies Pte. All rights reserved. Obsoletes Pub No.
Pub Number - Date (10/10/2012)
Electrical /Optical Characteristic at TA = 25°C
Red
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Average Luminous Intensity (Digit Average)
Iv
15
mcd
IF = 10mA
Peak Wavelength
λp
634
nm
IF = 20mA
Dominant Wavelength
λd
625
nm
IF = 20mA
Forward Voltage per segment / DP
VF
2.0
2.6
V
IF = 20mA
Reverse Current per segment / DP
IR
100
µA
VR = 5V
Luminous Intensity Matching Ratio
(Segment to Segment)
Iv–M
2:1
IF = 10mA
Green
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Average Luminous Intensity (Digit Average)
Iv
5
mcd
IF = 10mA
Peak Wavelength
λp
570
nm
IF = 20mA
Dominant Wavelength
λd
571
nm
IF = 20mA
Forward Voltage per segment / DP
VF
2.0
2.6
V
IF = 20mA
Reverse Current per segment / DP
IR
100
µA
VR = 5V
Luminous Intensity Matching Ratio
(Segment to Segment)
Iv–M
2:1
IF = 10mA
Yellow
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Average Luminous Intensity (Digit Average)
Iv
8
mcd
IF = 10mA
Peak Wavelength
λp
592
nm
IF = 20mA
Dominant Wavelength
λd
587
nm
IF = 20mA
Forward Voltage per segment / DP
VF
2.0
2.6
V
IF = 20mA
Reverse Current per segment / DP
IR
100
µA
VR = 5V
Luminous Intensity Matching Ratio
(Segment to Segment)
Iv–M
2:1
IF = 10mA


Similar Part No. - ADSP-H3A1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADSP-H1A1 AVAGO-ADSP-H1A1 Datasheet
181Kb / 10P
   1.0??Single Digit PCB Based LED Display
ADSP-H1A3 AVAGO-ADSP-H1A3 Datasheet
181Kb / 10P
   1.0??Single Digit PCB Based LED Display
ADSP-H1E1 AVAGO-ADSP-H1E1 Datasheet
181Kb / 10P
   1.0??Single Digit PCB Based LED Display
ADSP-H1E3 AVAGO-ADSP-H1E3 Datasheet
181Kb / 10P
   1.0??Single Digit PCB Based LED Display
ADSP-H1G1 AVAGO-ADSP-H1G1 Datasheet
181Kb / 10P
   1.0??Single Digit PCB Based LED Display
More results

Similar Description - ADSP-H3A1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9700 AVAGO-HEDS-9700 Datasheet
278Kb / 10P
   0.36 Single Digit PCB Based LED Display
HDSP-H3X1 AVAGO-HDSP-H3X1 Datasheet
301Kb / 8P
   0.36" Single Digit PCB Based LED Display
HDSP-C3X1 AVAGO-HDSP-C3X1 Datasheet
205Kb / 10P
   0.36??Single Digit PCB Based LED Display
HDSP-C3E3 AVAGO-HDSP-C3E3 Datasheet
205Kb / 10P
   0.36 Single Digit PCB Based LED Display
logo
LIGITEK electronics co....
LSD3A72-XX LIGITEK-LSD3A72-XX Datasheet
88Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62V-XX-PF LIGITEK-LSD315-62V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-PF LIGITEK-LSD315-64-XX-PF Datasheet
219Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
logo
BRIGHT LED ELECTRONICS ...
BS-A322RD BRIGHT-BS-A322RD Datasheet
186Kb / 4P
   0.36(9.10MM)single DIGIT LED DISPLAY
logo
LIGITEK electronics co....
LSD315-63V-XX-PF LIGITEK-LSD315-63V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
logo
AVAGO TECHNOLOGIES LIMI...
ADSP-H5E1 AVAGO-ADSP-H5E1 Datasheet
199Kb / 10P
   0.52??Single Digit PCB Based LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com