Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY75GC1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CNY75GC1
Description  Optocoupler with Phototransistor Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY75GC1 Datasheet(HTML) 3 Page - Vishay Siliconix

  CNY75GC1 Datasheet HTML 1Page - Vishay Siliconix CNY75GC1 Datasheet HTML 2Page - Vishay Siliconix CNY75GC1 Datasheet HTML 3Page - Vishay Siliconix CNY75GC1 Datasheet HTML 4Page - Vishay Siliconix CNY75GC1 Datasheet HTML 5Page - Vishay Siliconix CNY75GC1 Datasheet HTML 6Page - Vishay Siliconix CNY75GC1 Datasheet HTML 7Page - Vishay Siliconix CNY75GC1 Datasheet HTML 8Page - Vishay Siliconix CNY75GC1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CNY75(G) Series
Vishay Semiconductors
Rev. A4, 11–Jan–99
3 (12)
Electrical Characteristics (Tamb = 25°C)
Input (Emitter)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 50 mA
VF
1.25
1.6
V
Reverse current
VR = 6 V
IR
10
mA
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Output (Detector)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector base voltage
IC = 100 mA
VCBO
90
V
Collector emitter voltage
IC = 1 mA
VCEO
90
V
Emitter collector voltage
IE = 100 mA
VECO
7
V
Collector emitter cut-off
current
VCE = 20 V, IF = 0
ICEO
150
nA
Coupler
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Collector emitter
saturation voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100 W
fc
110
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
Current Transfer Ratio (CTR)
Parameter
Test Conditions
Type
Symbol
Min.
Typ.
Max.
Unit
IC/IF
VCE = 5 V, IF = 1 mA
CNY75(G)A
CTR
0.15
C F
CE
F
CNY75(G)B
CTR
0.3
CNY75(G)C
CTR
0.6
VCE = 5 V, IF = 10 mA
CNY75(G)A
CTR
0.63
1.25
CE
F
CNY75(G)B
CTR
1
2
CNY75(G)C
CTR
1.6
3.2


Similar Part No. - CNY75GC1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY75GC VISHAY-CNY75GC Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
CNY75GC VISHAY-CNY75GC Datasheet
161Kb / 11P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.7, 08-May-08
More results

Similar Description - CNY75GC1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com