Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY75GB Datasheet(PDF) 11 Page - Vishay Siliconix

Part # CNY75GB
Description  Optocoupler with Phototransistor Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY75GB Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button CNY75GB Datasheet HTML 4Page - Vishay Siliconix CNY75GB Datasheet HTML 5Page - Vishay Siliconix CNY75GB Datasheet HTML 6Page - Vishay Siliconix CNY75GB Datasheet HTML 7Page - Vishay Siliconix CNY75GB Datasheet HTML 8Page - Vishay Siliconix CNY75GB Datasheet HTML 9Page - Vishay Siliconix CNY75GB Datasheet HTML 10Page - Vishay Siliconix CNY75GB Datasheet HTML 11Page - Vishay Siliconix CNY75GB Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CNY75(G) Series
Vishay Semiconductors
Rev. A4, 11–Jan–99
11 (12)
Dimensions of CNY75G in mm
14771
weight:
ca. 0.50 g
creepage distance:
y 8 mm
air path:
y 8 mm
after mounting on PC board
Dimensions of CNY75 in mm
14770
weight:
0.50 g
creepage distance:
y 6 mm
air path:
y 6 mm
after mounting on PC board


Similar Part No. - CNY75GB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY75GB VISHAY-CNY75GB Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
CNY75GB VISHAY-CNY75GB Datasheet
161Kb / 11P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.7, 08-May-08
More results

Similar Description - CNY75GB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com