Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY75GB Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. CNY75GB
Description  Optocoupler with Phototransistor Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY75GB Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button CNY75GB Datasheet HTML 2Page - Vishay Siliconix CNY75GB Datasheet HTML 3Page - Vishay Siliconix CNY75GB Datasheet HTML 4Page - Vishay Siliconix CNY75GB Datasheet HTML 5Page - Vishay Siliconix CNY75GB Datasheet HTML 6Page - Vishay Siliconix CNY75GB Datasheet HTML 7Page - Vishay Siliconix CNY75GB Datasheet HTML 8Page - Vishay Siliconix CNY75GB Datasheet HTML 9Page - Vishay Siliconix CNY75GB Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CNY75(G) Series
Vishay Semiconductors
Rev. A4, 11–Jan–99
6 (12)
Channel I
Channel II
100
W
50
W
+ 5 V
Oscilloscope
R
L w
1 M
W
C
L v
20 pF
I
C
= 10 mA ; Adjusted through
input amplitude
IF
IF
R
G= 50 W
t
p
tp= 50 ms
T
= 0.01
0
95 10891
Figure 3. Test circuit, non-saturated operation
Channel I
Channel II
1 k
W
50
W
+ 5 V
Oscilloscope
R
L w
1 MW
C
L v
20 pF
I
C
I
F
I
F
R
G
= 50
W
t
p
t
p
= 50
ms
T
= 0.01
0
14944
Figure 4. Test circuit, saturated operation
tp
t
t
0
0
10%
90%
100%
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse duration
td
delay time
tr
rise time
ton (= td + tr)
turn-on time
ts
storage time
tf
fall time
toff (= ts + tf)
turn-off time
Figure 5. Switching times
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
50
100
150
200
250
300
0
40
80
120
Tamb – Ambient Temperature ( °C )
96 11700
Coupled device
Phototransistor
IR-diode
Figure 6. Total Power Dissipation vs.
Ambient Temperature
0.1
1.0
10.0
100.0
1000.0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF – Forward Voltage ( V )
96 11862
Figure 7. Forward Current vs. Forward Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn