Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DTB713Z Datasheet(PDF) 3 Page - Rohm

Part No. DTB713Z
Description  PNP -200mA -30V Digital Transistors (Bias Resistor Built-in Transistors)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

DTB713Z Datasheet(HTML) 3 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTB713Z series
lElectrical characteristic curves(Ta = 25°C)
Fig.2 Output current vs. input voltage
(OFF characteristics)
Fig.1 Input voltage vs. output current
(ON characteristics)
-0.1
-1
-10
-100
-0.1
-1
-10
-100
-1000
V
O= -0.3V
Ta=
-40ºC
25ºC
85ºC
125ºC
-0.1
-1
-10
-100
-0
-0.5
-1
-1.5
V
CC= -5V
Ta= 125ºC
85ºC
25ºC
-40ºC
1
10
100
1000
-0.1
-1
-10
-100
-1000
V
O= -2V
Ta= 125ºC
85ºC
25ºC
-40ºC
OUTPUT CURRENT : I
O [mA]
INPUT VOLTAGE : V
I(off)[V]
Fig.3 Output current vs. output voltage
OUTPUT VOLTAGE : V
O [V]
Fig.4 DC current gain vs. output current
OUTPUT CURRENT : I
O [mA]
0
-50
-100
-150
-200
0
-2
-4
-6
-8
-10
0A
-0.1mA
-0.2mA
-0.3mA
-0.4mA
-0.5mA
-0.6mA
-0.7mA
-0.8mA
-0.9mA
-1.0mA
I
I=
Ta=25ºC
3/6
2012.11 - Rev.C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn