Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DTB713Z Datasheet(PDF) 2 Page - Rohm

Part No. DTB713Z
Description  PNP -200mA -30V Digital Transistors (Bias Resistor Built-in Transistors)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

DTB713Z Datasheet(HTML) 2 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
DTB713Z series
lAbsolute maximum ratings (Ta = 25°C)
Supply voltage
Input voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
lElectrical characteristics(Ta = 25°C)
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
Parameter
Symbol
Values
Unit
VCC
-30
V
VIN
-10 to +5
V
IC(MAX.)
*1
-200
mA
PD
*2
150
mW
Tj
150
°C
Tstg
-55 to +150
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input voltage
VI(off)
VCC = -5V, IO = -100mA
-
-
V
VI(on)
VO = -0.3V, IO = -20mA
-2.5
-
-
-0.3
V
Input current
II
VI = -5V
-
-
-6.4
mA
Output voltage
VO(on)
IO / II = -50mA / -2.5mA
-
-0.07
-0.3
mA
DC current gain
GI
VO = -2V, IO = -100mA
140
-
-
-
Output current
IO(off)
VCC = -30V, VI = 0V
-
-
-0.5
k
W
Resistance ratio
R2/R1
-
8
10
12
-
Input resistance
R1
-
0.7
1.0
1.3
MHz
Transition frequency
fT
*1
VCE = -10V, IE = 5mA,
f = 100MHz
-
260
-
2/6
2012.11 - Rev.C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn