Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DTB713Z Datasheet(PDF) 1 Page - Rohm

Part No. DTB713Z
Description  PNP -200mA -30V Digital Transistors (Bias Resistor Built-in Transistors)
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

DTB713Z Datasheet(HTML) 1 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DTB713ZM
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
DTB713Z series
PNP -200mA -30V Digital Transistors (Bias Resistor Built-in Transistors)
lOutline
lFeatures
lInner circuit
1) Built-In Biasing Resistors
2) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see inner circuit).
3) The bias resistors consist of thin-film resistors
with complete isolation to allow negative biasing
of the input. They also have the advantage of
completely eliminating parasitic effects.
4) Only the on/off conditions need to be set for
operation, making the circuit design easy.
5) Complementary NPN Types :DTD713Z series
6) Lead Free/RoHS Compliant.
lApplication
Switching circuit, Inverter circuit, Interface circuit,
Driver circuit
lPackaging specifications
8
3,000
P11
DTB713ZE
EMT3
1616
TL
180
Parameter
Value
VMT3
EMT3
VCC
-30V
IC(MAX.)
-200mA
R1
1.0k
W
R2
10k
W
Tape width
(mm)
Basic
ordering
unit (pcs)
Marking
DTB713ZM
VMT3
1212
T2L
180
8
8,000
P11
Part No.
Package
Package
size
(mm)
Taping
code
Reel size
(mm)
DTB713ZM
(SC-105AA)
DTB713ZE
SOT-416 (SC-75A)
OUT
IN
GND
OUT
IN
GND
1/6
2012.11 - Rev.C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn