Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25020A-10PQ-2.7 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25020A-10PQ-2.7
Description  SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25020A-10PQ-2.7 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25020A-10PQ-2.7 Datasheet HTML 1Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 2Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 3Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 4Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 5Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 6Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 7Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 8Page - ATMEL Corporation AT25020A-10PQ-2.7 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Features
Serial Peripheral Interface (SPI) Compatible
Supports SPI Modes 0 (0,0) and 3 (1,1)
– Data Sheet Describes Mode 0 Operation
Medium-voltage and Standard-voltage Operation
–2.7 (VCC = 2.7V to 5.5V)
Extended Temperature Range
−40°C to +125°C
5.0 MHz Clock Rate
8-byte Page Mode
Block Write Protection
– Protect 1/4, 1/2, or Entire Array
Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software
Data Protection
Self-timed Write Cycle (10 ms max)
High Reliability
– Endurance: One Million Write Cycles
– Data Retention: 100 Years
8-lead PDIP, 8-lead JEDEC SOIC, 8-lead TSSOP Packages
Description
The AT25010A/020A/040A provides 1024/2048/4096 bits of serial electrically-eras-
able programmable read-only memory (EEPROM) organized as 128/256/512 words of
8 bits each. The device is optimized for use in many automotive applications where
low-power and low-voltage operation are essential. The AT25010A/020A/040A is
available in space-saving 8-pin PDIP, 8-lead JEDEC SOIC and 8-lead TSSOP
packages.
The AT25010A/020A/040A is enabled through the Chip Select pin (CS) and accessed
via a three-wire interface consisting of Serial Data Input (SI), Serial Data Output (SO),
and Serial Clock (SCK). All programming cycles are completely self-timed, and no
separate erase cycle is required before write.
Block write protection is enabled by programming the status register with one of four
blocks of write protection. Separate program enable and program disable instructions
are provided for additional data protection. Hardware data protection is provided via
the WP pin to protect against inadvertent write attempts. The HOLD pin may be used
to suspend any serial communication without resetting the serial sequence.
Table 1. Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Data Clock
SI
Serial Data Input
SO
Serial Data Output
GND
Ground
VCC
Power Supply
WP
Write Protect
HOLD
Suspends Serial Input
SPI Serial
Extended
Temperature
EEPROMs
1K (128 x 8)
2K (256 x 8)
4K (512 x 8)
AT25010A
AT25020A
AT25040A
5087B–SEEPR–1/05
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
8-lead PDIP
8-lead SOIC
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI
8-lead TSSOP


Similar Part No. - AT25020A-10PQ-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25020A-10PU-1.8 ATMEL-AT25020A-10PU-1.8 Datasheet
559Kb / 22P
   SPI Serial EEPROM
AT25020A-10PU-2.7 ATMEL-AT25020A-10PU-2.7 Datasheet
559Kb / 22P
   SPI Serial EEPROM
More results

Similar Description - AT25020A-10PQ-2.7

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25256A ATMEL-AT25256A Datasheet
390Kb / 18P
   SPI Serial Extended Temperature EEPROMs
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24C01A MICROCHIP-24C01A Datasheet
77Kb / 12P
   1K/2K/4K 5.0V I 2 C O Serial EEPROMs
1996
logo
Shenzhen Huazhimei Semi...
HM93C46 HMSEMI-HM93C46 Datasheet
556Kb / 17P
   3-wire Serial EEPROMs 1K/2K/4K HM93C46/56/66
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com