Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2775-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2775-Q1
Description  Switched Capacitor 5-V Boost Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2775-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2775-Q1 Datasheet HTML 9Page - Texas Instruments LM2775-Q1 Datasheet HTML 10Page - Texas Instruments LM2775-Q1 Datasheet HTML 11Page - Texas Instruments LM2775-Q1 Datasheet HTML 12Page - Texas Instruments LM2775-Q1 Datasheet HTML 13Page - Texas Instruments LM2775-Q1 Datasheet HTML 14Page - Texas Instruments LM2775-Q1 Datasheet HTML 15Page - Texas Instruments LM2775-Q1 Datasheet HTML 16Page - Texas Instruments LM2775-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
)
I
I
2
(
V
I
V
P
P
E
Q
OUT
IN
OUT
OUT
IN
OUT
˜
u
u
COUT
C1
1
SW
SW
OUT
ESR
ESR
4
C
F
1
R
2
R
˜
u
˜
Reg
V '
2×V '
ROUT
VIN
VOUT
LM2775-Q1
Output Resistance Model
13
LM2775-Q1
www.ti.com
SNVSAH6 – JUNE 2018
Product Folder Links: LM2775-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
to keep the output voltage equal to 5 V ± 4%. With increased output current, the voltage drop across ROUT
increases. To prevent droop in output voltage, the voltage drop across the regulator is reduced, V' increases, and
VOUT remains at 5 V. When the output current increases to the point that there is zero voltage drop across the
regulator, V' equals the input voltage, and the output voltage is near the edge of regulation. Additional output
current causes the output voltage to fall out of regulation, and the LM2775-Q1 operation is similar to a basic
open-loop doubler. As in a voltage doubler, increase in output current results in output voltage drop proportional
to the output resistance of the doubler. The out-of-regulation LM2775-Q1 output voltage can be approximated by:
VOUT = 2 × VIN – IOUT × ROUT
(1)
Again, Equation 1 only applies at low input voltage and high output current where the LM2775-Q1 is not
regulating. See Output Current vs. Output Voltage curves in the Typical Characteristics section for more details.
Figure 20. LM2775-Q1 Output Resistance Model
A more complete calculation of output resistance takes into account the effects of switching frequency, flying
capacitance, and capacitor equivalent series resistance (ESR) (see Equation 2).
(2)
Switch resistance component (3
Ω typical) dominates the output resistance equation of the LM2775-Q1. With a
2-MHz typical switching frequency, the 1/(F×C) component of the output resistance contributes only 0.5
Ω to the
total output resistance. Increasing the flying capacitance only provides minimal improvement to the total output
current capability of the LM2775-Q1. In some applications it may be desirable to reduce the value of the flying
capacitor below 1 µF to reduce solution size and/or cost, but this should be done with care so that output
resistance does not increase to the point that undesired output voltage droop results. If ceramic capacitors are
used, ESR will be a negligible factor in the total output resistance, as the ESR of quality ceramic capacitors is
typically much less than 100 mΩ.
8.2.2.2 Efficiency
Charge-pump efficiency is derived in Equation 3 and Equation 4 (supply current and other losses are neglected
for simplicity):
IIN = G × IOUT E = (VOUT × IOUT) ÷ (VIN × IIN) = VOUT ÷ (G × VIN)
(3)
If one includes the quiescent current drawn by the LM2775-Q1 to operate, the following can be derived :
(4)
In Equation 3, G represents the charge pump gain. Efficiency is at its highest as G × VIN approaches VOUT. For
the LM2775-Q1 device, G = 2.
8.2.2.3 Power Dissipation
LM2775-Q1 power dissipation (PD) is calculated simply by subtracting output power from input power:
PD = PIN – POUT = [VIN × (2 × IOUT + IQ)] – [VOUT × IOUT]
(5)
Power dissipation increases with increased input voltage and output current, up to 1.35 W at the ends of the
operating ratings (VIN = 5.5 V, IOUT = 200 mA). Internal power dissipation self-heats the device. Dissipating this
amount power/heat so the LM2775-Q1 does not overheat is a demanding thermal requirement for a small
surface-mount package. When soldered to a PCB with layout conducive to power dissipation, the excellent
thermal properties of the WSON package enable this power to be dissipated from the LM2775-Q1 with little or no
derating, even when the circuit is placed in elevated ambient temperatures.


Similar Part No. - LM2775-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2775 TI-LM2775 Datasheet
923Kb / 27P
[Old version datasheet]   LM2775 Switched Capacitor 5-V Boost Converter
LM2775DSGR TI-LM2775DSGR Datasheet
923Kb / 27P
[Old version datasheet]   LM2775 Switched Capacitor 5-V Boost Converter
LM2775DSGT TI-LM2775DSGT Datasheet
923Kb / 27P
[Old version datasheet]   LM2775 Switched Capacitor 5-V Boost Converter
LM2775 TI-LM2775_15 Datasheet
923Kb / 27P
[Old version datasheet]   LM2775 Switched Capacitor 5-V Boost Converter
More results

Similar Description - LM2775-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2775 TI-LM2775_15 Datasheet
923Kb / 27P
[Old version datasheet]   LM2775 Switched Capacitor 5-V Boost Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com