Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T350C106K010AT Datasheet(PDF) 1 Page - Kemet Corporation

Part No. T350C106K010AT
Description  Tantalum, MnO2 Tantalum, Commercial Grade, T350, 10 uF, 10%, 10 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing= 2.54mm
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

T350C106K010AT Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - d5dd535e-0a6b-4e10-b872-796dbedb5025
KEMET Part Number: T350C106K010AT
Tantalum, MnO2 Tantalum, Commercial Grade, T350, 10 uF, 10%, 10 V, Radial, Solid Tantalum, Conformal, Dipped, Lead Spacing
= 2.54mm
Dimensions
D
5mm
H
8.4mm
S
2.54mm +/-0.38mm
LL
12.7mm +/-1.26mm
F
0.5mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 1000
General Information
Dielectric: MnO2 Tantalum
Style: Radial
Series: T350
Description: Radial, Solid Tantalum,
Conformal, Dipped
Features: Low Leakage
RoHS: Yes
Termination: Tin
Notes: Longest Lead Is Positive
Specifications
Capacitance: 10 uF
Capacitance Tolerance: 10%
Voltage DC: 10 VDC (85C), 9 VDC (125C
Surge), 0.1 V (125C Reverse)
Temperature Range: -55/+125C
Dissipation Factor: 6%
Leakage Current: 0.8 uAmps
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn