Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE6889 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE6889
Description  Integrated Circuit Bidirectional Bus Transceiver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6889 Datasheet(HTML) 1 Page - NTE Electronics

  NTE6889 Datasheet HTML 1Page - NTE Electronics NTE6889 Datasheet HTML 2Page - NTE Electronics NTE6889 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE6880 & NTE6889
Integrated Circuit
Bidirectional Bus Transceiver
Description:
The NTE6880 and NTE6889 consists of 4 pairs of TRI–STATE logic elements configured as quad bus
drivers/receivers along with separate buffered receiver enable and driver enable lines.
Features:
D TRI–STATE Outputs
Inverting (NTE6880)
Non–Inverting (NTE6889)
D Low Current PNP Inputs: 200µA Max
D Fast Switching Times: 20ns
Absolute Maximum Ratings: (Note 1)
All Outputs and Supply Voltages
–0.5V to +7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
All Input Voltages
–1V to 5.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Currents
±150mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Power Dissipation (TA = +25°C), PD
1476mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above +25
°C
11.8mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (Soldering, 4 seconds), TL
+260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. “Absolute Maximum Ratings” are those values beyons which the safety of the device cannot
be guaranteed. They are not meant to imply that the devices should be operated at these
limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
Recommended Operating Conditions:
Supply Voltage, VCC
4.75 to 5.25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, TA
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - NTE6889

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6885 NTE-NTE6885 Datasheet
32Kb / 4P
   Integrated Circuit Hex 3-State Buffer/Inverter
NTE6888 NTE-NTE6888 Datasheet
32Kb / 4P
   Integrated Circuit Hex 3-State Buffer/Inverter
More results

Similar Description - NTE6889

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3447 MOTOROLA-MC3447 Datasheet
291Kb / 6P
   BIDIRECTIONAL INSTRUMENTATION BUS(GPIB) TRANSCEIVER
logo
List of Unclassifed Man...
AM2947 ETC1-AM2947 Datasheet
512Kb / 9P
   Octal Three-State Bidirectional Bus Transceiver
logo
Toshiba Semiconductor
TC7WZ245FU TOSHIBA-TC7WZ245FU Datasheet
169Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver
TC7WH245FU TOSHIBA-TC7WH245FU_01 Datasheet
260Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS TRANSCEIVER
logo
Renesas Technology Corp
ACS245MS RENESAS-ACS245MS Datasheet
319Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
logo
Intersil Corporation
ACTS245T INTERSIL-ACTS245T Datasheet
78Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
July 1999
ACS245MS INTERSIL-ACS245MS Datasheet
75Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
ACTS245MS INTERSIL-ACTS245MS Datasheet
75Kb / 3P
   Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP_07 Datasheet
337Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Transceiver/Register (3-state)
TC74HC652AP TOSHIBA-TC74HC652AP_07 Datasheet
322Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Transceiver/Register (3-state)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com