Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5835 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5835
Description  450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5835 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5835 Datasheet HTML 1Page - Anpec Electronics Coropration APL5835 Datasheet HTML 2Page - Anpec Electronics Coropration APL5835 Datasheet HTML 3Page - Anpec Electronics Coropration APL5835 Datasheet HTML 4Page - Anpec Electronics Coropration APL5835 Datasheet HTML 5Page - Anpec Electronics Coropration APL5835 Datasheet HTML 6Page - Anpec Electronics Coropration APL5835 Datasheet HTML 7Page - Anpec Electronics Coropration APL5835 Datasheet HTML 8Page - Anpec Electronics Coropration APL5835 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
APL5835
Copyright
 ANPEC Electronics Corp.
Rev. B.5 - Apr., 2003
www.anpec.com.tw
1
Features
General Description
The APL5835 is a 3-pin low dropout linear regulator with
2.0% accuracy of output voltage over line , load and
temperature variations . Dropout voltage at 450mA out-
put current is less than 1.3V . Both output current limit-
ing and thermal shutdown are built in to provide maxi-
mal protection to the APL5835 against fault conditions .
The over current and thermal shutdown circuits become
active when the current exceed 450mA , or the junction
temperature reach 150
°C . Normal operation is recov-
ered when junction temperature drops below 130
°C .
Applications
Low Dropout Voltage of 1.3V at 450mA
Output Voltage Accuracy ± 2.0%
Line Regulation - 3mV (typ.)
Load Regulation - 13mV (typ.)
Input Voltage Range up to 9V
Internal Current Limiting and Thermal Shutdown
Protections
Available Output Voltages -ADJ, 1.8V, 2.5V,
2.6V, 2.7V, 2.8V, 3.3V
Various SOT-89 and TO-92 Packages Available
•Voltage Regulator for CD-ROM Drivers
•Voltage Regulator for LAN Cards
•Wireless Communication Systems
•Portable Instrument
•Portable Consumer Equipment
•Low Voltage Systems
SOT-89 (Top View)
V
OUT
V
IN
GN D
2
13
450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
V
OU T
V
IN
GN D
3
2
1
TO-92 (Top View)
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Pin Description


Similar Part No. - APL5835

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5833 ANPEC-APL5833 Datasheet
114Kb / 11P
   300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
APL5833-28DC-TR ANPEC-APL5833-28DC-TR Datasheet
114Kb / 11P
   300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
APL5833-28DC-TRL ANPEC-APL5833-28DC-TRL Datasheet
114Kb / 11P
   300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
APL5833-28DC-TU ANPEC-APL5833-28DC-TU Datasheet
114Kb / 11P
   300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
APL5833-28DC-TUL ANPEC-APL5833-28DC-TUL Datasheet
114Kb / 11P
   300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
More results

Similar Description - APL5835

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5885 ANPEC-APL5885 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5885 ANPEC-APL5885_09 Datasheet
145Kb / 11P
   500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com