Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APA4801 Datasheet(PDF) 5 Page - Anpec Electronics Coropration

Part # APA4801
Description  Stereo 280mW 8 OHM Speaker Driver with Mute
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4801 Datasheet(HTML) 5 Page - Anpec Electronics Coropration

  APA4801 Datasheet HTML 1Page - Anpec Electronics Coropration APA4801 Datasheet HTML 2Page - Anpec Electronics Coropration APA4801 Datasheet HTML 3Page - Anpec Electronics Coropration APA4801 Datasheet HTML 4Page - Anpec Electronics Coropration APA4801 Datasheet HTML 5Page - Anpec Electronics Coropration APA4801 Datasheet HTML 6Page - Anpec Electronics Coropration APA4801 Datasheet HTML 7Page - Anpec Electronics Coropration APA4801 Datasheet HTML 8Page - Anpec Electronics Coropration APA4801 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.5 - Apr., 2001
APA4801
www.anpec.com.tw
5
THD+N vs Frequency
Frequency (Hz)
20
20k
100
1k
10k
10
0.01
0.1
1
V
DD = 5V
P
O=160mW
R
L=8Ω
NO FILTERS
THD+N vs Frequency
Frequency (Hz)
10
0.01
0.1
1
20
20k
100
1k
10k
V
DD = 5V
P
O=100mW
R
L=16Ω
NO FILTERS
0.01
10
0.1
1
10m
100m
50m
f=20Hz
f=20kHz
f=1kHz
Output Power (W)
THD+N vs Output Power
V
DD = 3V
R
L=8Ω
10m
100m
50m
0.01
10
0.1
1
Output Power (W)
THD+N vs Output Power
f=20Hz
f=20kHz
f=1kHz
V
DD= 3V
R
L=16Ω
Typical Characteristics Cont.


Similar Part No. - APA4801

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4800 ANPEC-APA4800 Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800JI-TR ANPEC-APA4800JI-TR Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800JI-TU ANPEC-APA4800JI-TU Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800KI-TR ANPEC-APA4800KI-TR Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800KI-TU ANPEC-APA4800KI-TU Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
More results

Similar Description - APA4801

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4880 ANPEC-APA4880 Datasheet
154Kb / 16P
   STEREO 330 MW 8 OHM SPEAK DRIVER WITH MUTE
logo
Holtek Semiconductor In...
HT82V736 HOLTEK-HT82V736 Datasheet
143Kb / 9P
   Stereo Headphone Driver with Mute
logo
Anpec Electronics Corop...
APA3541 ANPEC-APA3541 Datasheet
110Kb / 13P
   Class AB Stereo Headphone Driver with Mute
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978_06 Datasheet
1Mb / 119P
   Stereo CODEC With Speaker Driver
WM8978 WOLFSON-WM8978_11 Datasheet
1Mb / 118P
   Stereo CODEC with Speaker Driver
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
WM8976 WOLFSON-WM8976_06 Datasheet
1Mb / 108P
   Stereo CODEC With Speaker Driver
WM8976 WOLFSON-WM8976_11 Datasheet
1Mb / 114P
   Stereo CODEC with Speaker Driver
logo
Unisonic Technologies
3541 UTC-3541_09 Datasheet
168Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_15 Datasheet
231Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com