Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8259 Datasheet(PDF) 7 Page - Altera Corporation

Part # A8259
Description  PROGRAMMABLE INTERRUPT CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

A8259 Datasheet(HTML) 7 Page - Altera Corporation

Back Button A8259 Datasheet HTML 3Page - Altera Corporation A8259 Datasheet HTML 4Page - Altera Corporation A8259 Datasheet HTML 5Page - Altera Corporation A8259 Datasheet HTML 6Page - Altera Corporation A8259 Datasheet HTML 7Page - Altera Corporation A8259 Datasheet HTML 8Page - Altera Corporation A8259 Datasheet HTML 9Page - Altera Corporation A8259 Datasheet HTML 10Page - Altera Corporation A8259 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Altera Corporation
63
a8259 Programmable Interrupt Controller Data Sheet
ICW 2
ICW 2 is selected after the a0 signal has been high. Input data for ICW 2
is sent via the din[7..0] bus, and data is clocked by the rising edge of
clk
. ICW 2 is deselected with the next falling edge of the nwr signal.
Table 4 describes the ICW 2 register format.
If SINGLE (bit 1 of ICW 1) is low, ICW 3 is the next register selected (see
“ICW 3” on page 64). If SINGLE is high, ICW 3 is skipped.
The next register considered is ICW 4 (see Figure 3 on page 61). If bit 0 of
ICW 1 is high, then ICW 4 is the next register selected; if it is low, ICW 4
is skipped. When a write transaction is completed for ICW 4—or if it is
skipped—the initialization sequence is finished, and the a8259 is now
ready to accept interrupts.
Table 3. ICW 1 Register Format (Part 2 of 2)
Bit
Mnemonic
Description
3
LTIM
Level-sensitive or edge-triggered input mode. When
high, the ir[7..0] pins are level-sensitive inputs;
otherwise, they are positive-edge-triggered.
4
1
This bit is used in conjunction with the a0 signal to select
other command registers (see “Interrupt Registers” on
page 69).
5
A5
These bits set the interrupt vector address (bits 5
through 7) in a 3-byte interrupt sequence (see “Interrupt
Sequencing” on page 70).
6
A6
7
A7
Table 4. ICW 2 Register Format
Bit
Mnemonic
Description
0
A8
These bits set the interrupt vector address. For bits 8
through 15, the interrupt vector address is set in a single-
byte interrupt sequence mode. For bits 3 through 7, the
interrupt vector address is set in the same mode. See
“Operating Modes & Sequence of Events” on page 76
for more information.
1
A9
2
A10
3
A11 / T3
4
A12 / T4
5
A13 / T4
6
A14 / T6
7
A15 / T7


Similar Part No. - A8259

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
A8251 ALTERA-A8251 Datasheet
330Kb / 21P
   Programmable Communications Interface
A8255 ALTERA-A8255 Datasheet
250Kb / 13P
   PROGRAMMABLE PERIPHERAL INTERFACE ADAPTER
logo
MicroPower Direct, LLC
A825ERW MPD-A825ERW Datasheet
196Kb / 2P
   Low Cost, 8W DIP Wide Input Range DC/DC Converters
More results

Similar Description - A8259

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Toshiba Semiconductor
TMP82C59A TOSHIBA-TMP82C59A Datasheet
668Kb / 26P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
OKI electronic componet...
MSM82C59A-2RS OKI-MSM82C59A-2RS Datasheet
186Kb / 28P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Intel Corporation
8259A INTEL-8259A Datasheet
325Kb / 24P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Toshiba Semiconductor
TMP8259AP TOSHIBA-TMP8259AP Datasheet
142Kb / 9P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
Intersil Corporation
CDP1877 INTERSIL-CDP1877 Datasheet
45Kb / 10P
   Programmable Interrupt Controller (PIC)
March 1997
logo
List of Unclassifed Man...
USC68HC908 ETC1-USC68HC908 Datasheet
2Mb / 3P
   PROGRAMMABLE INTERRUPT CONTROLLER CMOS
logo
ATMEL Corporation
XMEGAA ATMEL-XMEGAA_09 Datasheet
5Mb / 445P
   Interrupts and Programmable Multi-level Interrupt Controller
logo
Intel Corporation
82093AA INTEL-82093AA Datasheet
178Kb / 20P
   I/O ADVANCED PROGRAMMABLE INTERRUPT CONTROLLER (IOAPIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com