Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM31B5C2H821JW01 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # GRM31B5C2H821JW01
Description  Chip Monolithic Ceramic Capacitor for General
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM31B5C2H821JW01 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button GRM31B5C2H821JW01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GRM31B5C2H821JW01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
4.Type of Applied Voltage and Self-heating Temperature
1.Confirm the operating conditions to make sure that no large current is flowing into the capacitor due to the
continuous application of an AC voltage or pulse voltage.
When a DC rated voltage product is used in an AC voltage circuit or a pulse voltage circuit, the AC current
or pulse current will flow into the capacitor; therefore check the self-heating condition.
Please confirm the surface temperature of the capacitor so that the temperature remains within the upper limits
of the operating temperature, including the rise in temperature due to self-heating. When the capacitor is
used with a high-frequency voltage or pulse voltage, heat may be generated by dielectric loss.
<Applicable to Temperature Characteristic U2J(7U), C0G(5C)>
1-1. Since the self-heating is low in the low loss series, the allowable power becomes extremely high
compared to the common X7R(X7R) characteristics.
However, when a load with self-heating of 20 C is applied at the rated voltage, the allowable power
may be exceeded. When the capacitor is used in a high-frequency voltage circuit of 1kHz or more,
the frequency of the applied voltage should be less than 500kHz sine wave (less than 100kHz for a
product with rated voltage of DC3.15kV), to limit the voltage load so that the load remains within the
derating shown in the following figure. In the case of non-sine wave, high-frequency components
exceeding the fundamental frequency may be included. In such a case, please contact Murata.
The excessive generation of heat may cause deterioration of the characteristics and reliability of the capacitor.
(Absolutely do not perform measurements while the cooling fan is operating, as an accurate
measurement may not be performed.)
The surface temperature of the capacitor : 125°C or less
(including self-heating)
2012M/0805(2012M:Metric size code)
C0G(5C) Char. Rated Voltage : DC200V
C0G(5C) Char. Rated Voltage : DC250V
3216M/1206(3216M:Metric size code)
Except for 2012M/0805 and 3216M/1206
C0G(5C) Char. Rated Voltage : DC250V
(2012M,3216M:Metric size code)
C0G(5C) Char. Rated Voltage : DC250V
Frequency VS Allowable Sine Wave Voltage
Caution
10
100
1000
10
100
1000
Frequency [kHz]
~3900pF
4700pF
!
JEMCGC-05049A
9


Similar Part No. - GRM31B5C2H821JW01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM31B5C2H821FW01 MURATA-GRM31B5C2H821FW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM31B5C2H821GW01 MURATA-GRM31B5C2H821GW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM31B5C2H821JW01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com