Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7721DWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7721DWR
Description  High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7721DWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7721DWR Datasheet HTML 5Page - Texas Instruments ISO7721DWR Datasheet HTML 6Page - Texas Instruments ISO7721DWR Datasheet HTML 7Page - Texas Instruments ISO7721DWR Datasheet HTML 8Page - Texas Instruments ISO7721DWR Datasheet HTML 9Page - Texas Instruments ISO7721DWR Datasheet HTML 10Page - Texas Instruments ISO7721DWR Datasheet HTML 11Page - Texas Instruments ISO7721DWR Datasheet HTML 12Page - Texas Instruments ISO7721DWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
ISO7720, ISO7721
www.ti.com
SLLSEP3C – NOVEMBER 2016 – REVISED JULY 2018
Product Folder Links: ISO7720 ISO7721
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The IS
and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the Thermal Information table is that of a device installed on a high-K test board for
leaded surface-mount packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
6.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DW-16 PACKAGE
IS
Safety input, output, or supply
current(1)
RθJA = 86.5 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C, see Figure 1
263
mA
RθJA = 86.5 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C, see Figure 1
401
RθJA = 86.5 °C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C, see Figure 1
525
PS
Safety input, output, or total
power(1)
RθJA = 86.5 °C/W, TJ = 150°C, TA = 25°C, see Figure 2
1445
mW
TS
Maximum safety
temperature(1)
150
°C
DWV-8 PACKAGE
IS
Safety input, output, or supply
current(1)
RθJA = 84.3 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C, see Figure 3
270
mA
RθJA = 84.3 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C, see Figure 3
412
RθJA = 84.3 °C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C, see Figure 3
539
PS
Safety input, output, or total
power(1)
RθJA = 84.3 °C/W, TJ = 150°C, TA = 25°C, see Figure 4
1483
mW
TS
Maximum safety
temperature(1)
150
°C
D-8 PACKAGE
IS
Safety input, output, or supply
current(1)
RθJA = 137.7 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C, see Figure 5
165
mA
RθJA = 137.7 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C, see Figure 5
252
RθJA = 137.7 °C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C, see Figure 5
330
PS
Safety input, output, or total
power(1)
RθJA = 137.7 °C/W, TJ = 150°C, TA = 25°C, see Figure 6
908
mW
TS
Maximum safety
temperature(1)
150
°C


Similar Part No. - ISO7721DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7721DWR TI1-ISO7721DWR Datasheet
716Kb / 33P
[Old version datasheet]   ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
More results

Similar Description - ISO7721DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1 Datasheet
582Kb / 33P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
716Kb / 33P
[Old version datasheet]   ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com