Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7721D Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7721D
Description  High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7721D Datasheet(HTML) 39 Page - Texas Instruments

Back Button ISO7721D Datasheet HTML 34Page - Texas Instruments ISO7721D Datasheet HTML 35Page - Texas Instruments ISO7721D Datasheet HTML 36Page - Texas Instruments ISO7721D Datasheet HTML 37Page - Texas Instruments ISO7721D Datasheet HTML 38Page - Texas Instruments ISO7721D Datasheet HTML 39Page - Texas Instruments ISO7721D Datasheet HTML 40Page - Texas Instruments ISO7721D Datasheet HTML 41Page - Texas Instruments ISO7721D Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
10.63
9.97
2.65 MAX
14X 1.27
16X
0.51
0.31
2X
8.89
TYP
0.33
0.10
0 - 8
0.3
0.1
(1.4)
0.25
GAGE PLANE
1.27
0.40
A
NOTE 3
10.5
10.1
B
NOTE 4
7.6
7.4
4221009/B 07/2016
SOIC - 2.65 mm max height
DW0016B
SOIC
NOTES:
1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm, per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm, per side.
5. Reference JEDEC registration MS-013.
1
16
0.25
C A
B
9
8
PIN 1 ID
AREA
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 1.500


Similar Part No. - ISO7721D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7721D TI1-ISO7721D Datasheet
716Kb / 33P
[Old version datasheet]   ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7721DR TI1-ISO7721DR Datasheet
716Kb / 33P
[Old version datasheet]   ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7721DW TI1-ISO7721DW Datasheet
716Kb / 33P
[Old version datasheet]   ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7721DWR TI1-ISO7721DWR Datasheet
716Kb / 33P
[Old version datasheet]   ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
More results

Similar Description - ISO7721D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1 Datasheet
582Kb / 33P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
716Kb / 33P
[Old version datasheet]   ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com