Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTB28F200BV-B60 Datasheet(PDF) 6 Page - Intel Corporation

Part # TTB28F200BV-B60
Description  2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TTB28F200BV-B60 Datasheet(HTML) 6 Page - Intel Corporation

Back Button TTB28F200BV-B60 Datasheet HTML 2Page - Intel Corporation TTB28F200BV-B60 Datasheet HTML 3Page - Intel Corporation TTB28F200BV-B60 Datasheet HTML 4Page - Intel Corporation TTB28F200BV-B60 Datasheet HTML 5Page - Intel Corporation TTB28F200BV-B60 Datasheet HTML 6Page - Intel Corporation TTB28F200BV-B60 Datasheet HTML 7Page - Intel Corporation TTB28F200BV-B60 Datasheet HTML 8Page - Intel Corporation TTB28F200BV-B60 Datasheet HTML 9Page - Intel Corporation TTB28F200BV-B60 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
2-MBIT SmartVoltage BOOT BLOCK FAMILY
E
6
SEE NEW DESIGN RECOMMENDATIONS
Separately erasable blocks, including a hardware-
lockable boot block (16,384 bytes), two parameter
blocks (8,192 bytes each) and main blocks (one
block of 98,304 bytes and one block of 131,072
bytes),
define
the
boot
block
flash
family
architecture. See Figures 7 and 8 for memory
maps. Each block can be independently erased and
programmed
100,000
times
at
commercial
temperature
or
10,000
times
at
extended
temperature.
The boot block is located at either the top (denoted
by -T suffix) or the bottom (-B suffix) of the address
map
in
order
to
accommodate
different
microprocessor protocols for boot code location.
The
hardware-lockable
boot
block
provides
complete code security for the kernel code required
for system initialization. Locking and unlocking of
the boot block is controlled by WP# and/or RP#
(see Section 3.4 for details).
The Command User Interface (CUI) serves as the
interface
between
the
microprocessor
or
microcontroller and the internal operation of the
boot block flash memory products. The internal
Write State Machine (WSM) automatically executes
the algorithms and timings necessary for program
and
erase
operations,
including
verifications,
thereby
unburdening
the
microprocessor
or
microcontroller of these tasks. The Status Register
(SR) indicates the status of the WSM and whether it
successfully completed the desired program or
erase operation.
Program and Erase Automation allows program and
erase operations to be executed using an industry-
standard two-write command sequence to the CUI.
Data programming is performed in word (28F200
family) or byte (28F200 or 28F002B families)
increments. Each byte or word in the flash memory
can be programmed independently of other memory
locations, unlike erases, which erase all locations
within a block simultaneously.
The 2-Mbit SmartVoltage boot block flash memory
family is also designed with an Automatic Power
Savings (APS) feature which minimizes system
battery current drain, allowing for very low power
designs. To provide even greater power savings,
the boot block family includes a deep power-down
mode which minimizes power consumption by
turning most of the flash memory’s circuitry off. This
mode is controlled by the RP# pin and its usage is
discussed in Section 3.5, along with other power
consumption issues.
Additionally,
the
RP#
pin
provides
protection
against unwanted command writes due to invalid
system bus conditions that may occur during
system reset and power-up/down sequences. For
example, when the flash memory powers-up, it
automatically defaults to the read array mode, but
during
a
warm
system
reset,
where
power
continues uninterrupted to the system components,
the flash memory could remain in a non-read mode,
such as erase. Consequently, the system Reset
signal should be tied to RP# to reset the memory to
normal read mode upon activation of the Reset
signal. See Section 3.6.
The 28F200 provides both byte-wide or word-wide
input/output, which is controlled by the BYTE# pin.
Please see Table 2 and Figure 16 for a detailed
description of BYTE# operations, especially the
usage of the DQ15/A–1 pin.
The
28F200
products
are
available
in
a
ROM/EPROM-compatible pinout and housed in the
44-lead PSOP (Plastic Small Outline) package, the
48-lead TSOP (Thin Small Outline, 1.2 mm thick)
package and the 56-lead TSOP as shown in
Figures 4, 5 and 6, respectively. The 28F002
products
are available
in
the
40-lead
TSOP
package as shown in Figure 3.
Refer to the
DC Characteristics, Section 4.4
(commercial
temperature)
and
Section
4.11
(extended temperature), for complete current and
voltage
specifications.
Refer
to
the
AC
Characteristics,
Section
4.5
(commercial
temperature)
and
Section
4.12
(extended
temperature), for read, write and erase performance
specifications.
1.3
Applications
The
2-Mbit
boot
block
flash
memory
family
combines
high-density,
low-power,
high-
performance, cost-effective flash memories with
blocking and hardware protection capabilities. Their
flexibility and versatility reduce costs throughout the
product life cycle. Flash memory is ideal for Just-In-
Time production flow, reducing system inventory
and costs, and eliminating component handling
during the production phase.
When your product is in the end-user’s hands, and
updates
or
feature
enhancements
become
necessary, flash memory reduces the update costs
by allowing user-performed code changes instead
of costly product returns or technician calls.


Similar Part No. - TTB28F200BV-B60

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTB001 TOSHIBA-TTB001 Datasheet
203Kb / 5P
   Silicon PNP Diffused Type
TTB001 TOSHIBA-TTB001 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TTB002 TOSHIBA-TTB002 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TTB1020B TOSHIBA-TTB1020B Datasheet
207Kb / 7P
   Bipolar Transistors Silicon PNP Triple-Diffused Type
2020-01-29 Rev.4.0
TTB1067B TOSHIBA-TTB1067B Datasheet
310Kb / 7P
   Bipolar Transistors Silicon PNP Epitaxial Type (Darlington Transistor)
2016-09-30 Rev.2.0
More results

Similar Description - TTB28F200BV-B60

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Sharp Corporation
LH28F002SCH SHARP-LH28F002SCH Datasheet
3Mb / 43P
   2-MBIT(256KBx8) SmartVoltage Flash MEMORY
logo
Intel Corporation
28F200B5 INTEL-28F200B5 Datasheet
501Kb / 38P
   SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT
logo
Integrated Silicon Solu...
IS28F020BLV ISSI-IS28F020BLV Datasheet
1Mb / 39P
   262,144 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
IS28F004BLV ISSI-IS28F004BLV Datasheet
1Mb / 39P
   524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
logo
Intel Corporation
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com