Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON6994 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON6994
Description  30V Dual Asymmetric N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6994 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON6994 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6994 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6994 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6994 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6994 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6994 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6994 Datasheet HTML 7Page - Alpha & Omega Semiconductors AON6994 Datasheet HTML 8Page - Alpha & Omega Semiconductors AON6994 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
1.4
1.8
2.2
V
4.3
5.2
TJ=125°C
6.3
7.6
6.8
8.6
mΩ
gFS
67
S
VSD
0.71
1
V
IS
20
A
Ciss
820
pF
Coss
340
pF
Crss
40
pF
Rg
0.6
1.2
1.8
Qg(10V)
13
nC
Qg(4.5V)
6.1
nC
Qgs
2
nC
Qgd
2.4
nC
tD(on)
6.5
ns
tr
16.5
ns
tD(off)
17
ns
tf
2.5
ns
VDS=VGS, ID=250µA
Gate-Body leakage current
VGS=4.5V, ID=20A
Static Drain-Source On-Resistance
Gate Source Charge
Gate resistance
Forward Transconductance
Input Capacitance
Maximum Body-Diode Continuous Current
VDS=5V, ID=20A
Gate Drain Charge
Total Gate Charge
SWITCHING PARAMETERS
VGS=10V, ID=20A
mΩ
Diode Forward Voltage
DYNAMIC PARAMETERS
Reverse Transfer Capacitance
IS=1A,VGS=0V
RDS(ON)
VGS=0V, VDS=15V, f=1MHz
Turn-On DelayTime
Turn-Off Fall Time
VGS=10V, VDS=15V, RL=0.75Ω,
RGEN=3Ω
Turn-On Rise Time
Turn-Off DelayTime
Output Capacitance
VGS=10V, VDS=15V, ID=20A
Total Gate Charge
f=1MHz
Zero Gate Voltage Drain Current
Q1 Electrical Characteristics (TJ=25°C unless otherwise noted)
ID=250µA, VGS=0V
VDS=0V, VGS=±20V
µA
IDSS
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
tf
2.5
ns
trr
11
ns
Qrr
19
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Turn-Off Fall Time
Body Diode Reverse Recovery Charge
Body Diode Reverse Recovery Time
IF=20A, dI/dt=500A/µs
IF=20A, dI/dt=500A/µs
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The Power
dissipation P
DSM is based on R
θJA t≤ 10s and the maximum allowed junction temperature of 150°C. The value in any given application depends on
the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Single pulse width limited by junction temperature T
J(MAX)=150°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev.1.0: October 2014
www.aosmd.com
Page 2 of 10


Similar Part No. - AON6994

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6992 AOSMD-AON6992 Datasheet
352Kb / 10P
   RoHS and Halogen-Free Compliant
AON6996 AOSMD-AON6996 Datasheet
489Kb / 10P
   RoHS and Halogen-Free Compliant
AON6998 AOSMD-AON6998 Datasheet
349Kb / 10P
   RoHS and Halogen-Free Compliant
More results

Similar Description - AON6994

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6906A AOSMD-AON6906A Datasheet
376Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6910A AOSMD-AON6910A Datasheet
429Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6908A AOSMD-AON6908A Datasheet
437Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AOE6922 AOSMD-AOE6922 Datasheet
483Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON7902 AOSMD-AON7902 Datasheet
420Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6912A AOSMD-AON6912A Datasheet
551Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6926 AOSMD-AON6926 Datasheet
375Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AONP36336 AOSMD-AONP36336 Datasheet
600Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com