Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8AF8NLV Datasheet(PDF) 3 Page - International Rectifier

Part # 8AF8NLV
Description  PRESSFIT RECTIFIER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8AF8NLV Datasheet(HTML) 3 Page - International Rectifier

  8AF8NLV Datasheet HTML 1Page - International Rectifier 8AF8NLV Datasheet HTML 2Page - International Rectifier 8AF8NLV Datasheet HTML 3Page - International Rectifier 8AF8NLV Datasheet HTML 4Page - International Rectifier 8AF8NLV Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
8AF Series
3
Bulletin I20262 Rev.A 06/03
www.irf.com
8AF
8
N
LV
1
2
3
1
- Essential part number
2
- Voltage code: Code x 100 = V
RRM (See Voltage Ratings Table)
3
- N = Normal Polarity (cathode to case)
R = Reverse Polarity (anode to case)
4
- PP = Without Lead
LH = Horizontal Lead
LV = Vertical Lead
Available as special product - Contact Factory
4
Device Code
Ordering Information Table
∆R
thJC Conduction
(The following table shows the increment of thermal resistance R
thJC when devices operate at different conduction angles than DC)
Conduction angle
Sinusoidal conduction Rectangular conduction Units
Conditions
180°
0.042
0.026
T
J = TJ max.
120°
0.045
0.043
90°
0.06
0.06
K/W
60°
0.10
0.10
30°
0.15
0.15
OutlineTable
All dimensions in millimeters (inches)
6 (0.24)
22.5 (0.89)
2.4 (0.09)
16.5 (0.65)
0.5 (0.02)
12.5 (0.49)
5 (0.20)
0.9 (0.03)
15.8 (0.62)
R 0.4 (0.02)
7 (0.28)
DIA. 12.77 / 13.27
(0.50) / (0.52)


Similar Part No. - 8AF8NLV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8AF8NLV IRF-8AF8NLV Datasheet
137Kb / 5P
   PRESSFIT RECTIFIER DIODES
More results

Similar Description - 8AF8NLV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8AF IRF-8AF Datasheet
137Kb / 5P
   PRESSFIT RECTIFIER DIODES
logo
Vishay Siliconix
8AF VISHAY-8AF Datasheet
138Kb / 7P
   Pressfit Rectifier Diodes, 50 A
Revision: 17-Jun-08
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
   Rectifier diodes
logo
NXP Semiconductors
BYX96 PHILIPS-BYX96 Datasheet
252Kb / 6P
   RECTIFIER DIODES
November 1975
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
   Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
   Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
   Rectifier Diodes
logo
Sanken electric
RM11B SANKEN-RM11B Datasheet
68Kb / 2P
   Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
   Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
   Rectifier Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com