Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CBR06C680F5GAC Datasheet(PDF) 1 Page - Kemet Corporation

Part No. CBR06C680F5GAC
Description  CBR-SMD RF C0G, Ceramic, High Q, 68 pF, 1%, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

CBR06C680F5GAC Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 10/24/2017 - 58d8257c-c436-4ebf-a653-dcfc6fcb4bd7
KEMET Part Number: CBR06C680F5GAC
CBR-SMD RF C0G, Ceramic, High Q, 68 pF, 1%, 50 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
Dimensions
L
1.6mm +/-0.1mm
W
0.8mm +/-0.1mm
T
0.8mm +/-0.07mm
B
0.4mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: CBR-SMD RF C0G
Style: SMD Chip
Chip Size: 0603
Description: SMD, Fixed, RF, Ultra High Q,
Low ESR, Class I
Features: Ultra High Q, Low ESR, Class I
RoHS: Yes
Termination: Tin
Marking: No
Miscellaneous: Minimum Q = 1400
Notes: Solder Wave or Solder Reflow
Specifications
Capacitance: 68 pF
Capacitance Tolerance: 1%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 10 GOhms
Quality Factor: 1400
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn