Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV10974_1807 Datasheet(PDF) 6 Page - Texas Instruments

Part # DRV10974_1807
Description  12-V, Three-Phase, Sensorless BLDC Motor Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10974_1807 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV10974_1807 Datasheet HTML 2Page - Texas Instruments DRV10974_1807 Datasheet HTML 3Page - Texas Instruments DRV10974_1807 Datasheet HTML 4Page - Texas Instruments DRV10974_1807 Datasheet HTML 5Page - Texas Instruments DRV10974_1807 Datasheet HTML 6Page - Texas Instruments DRV10974_1807 Datasheet HTML 7Page - Texas Instruments DRV10974_1807 Datasheet HTML 8Page - Texas Instruments DRV10974_1807 Datasheet HTML 9Page - Texas Instruments DRV10974_1807 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
DRV10974
SLVSDN2B – JANUARY 2018 – REVISED JUNE 2018
www.ti.com
Product Folder Links: DRV10974
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage
VCC
4.4
18
V
Voltage
U, V, W
–0.7
18
V
PWM, FR
–0.1
5.5
FG
0.5
18
CS
–0.1
1.8
PGND, GND
–0.1
0.1
RMP, ADV
–0.1
1.8
Current
V1P8 regulator-output current; external load
0
3
mA
Operating ambient temperature, TA
–40
85
°C
Operating junction temperature, TJ
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
(2)
Advance Information
6.4 Thermal Information
THERMAL METRIC(1)
DRV10974
UNIT
PWP (HTSSOP)
RUM (VQFN)(2)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
37.8
34.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
25.2
27
°C/W
RθJB
Junction-to-board thermal resistance
20.7
13.3
°C/W
ψJT
Junction-to-top characterization parameter
0.7
0.3
°C/W
ψJB
Junction-to-board characterization parameter
20.5
13.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.9
4
°C/W
6.5 Electrical Characteristics
TA = –40℃ to 85℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
ICC
Supply current
TA = 25°C, VCC = 12 V, no motor load
5
7
mA
ICC(LP)
Low power mode
TA = 25°C, VCC = 12 V
380
µA
UVLO
V(UVLO_F)
VCC UVLO falling
4.2
4.3
4.4
V
V(UVLO_R)
VCC UVLO rising
4.5
4.7
4.85
V
Vhys(UVLO)
VCC UVLO hysteresis
400
mV
VVCP(UVLO_F)
Charge pump UVLO falling
VVCP – VCC
3.35
3.7
4.05
V
VVCP(UVLO_R)
Charge pump UVLO rising
VVCP – VCC
3.65
4.0
4.37
V
Vhys(VCP)
Charge pump UVLO hysteresis
330
mV
V(V1P8_F)
V1P8 UVLO falling
1.25
1.4
1.55
V
V(V1P8_R)
V1P8 UVLO rising
1.35
1.5
1.65
V
Vhys(V1P8)
V1P8 UVLO hysteresis
100
mV


Similar Part No. - DRV10974_1807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV10974_1807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974 TI1-DRV10974_18 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975_18 Datasheet
1Mb / 64P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI-DRV10975_15 Datasheet
1Mb / 57P
[Old version datasheet]   DRV10975 12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10983 TI1-DRV10983 Datasheet
1Mb / 58P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10987 TI1-DRV10987_17 Datasheet
1Mb / 76P
[Old version datasheet]   12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com