Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25710 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25710
Description  SMBus Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25710 Datasheet(HTML) 67 Page - Texas Instruments

Back Button BQ25710 Datasheet HTML 63Page - Texas Instruments BQ25710 Datasheet HTML 64Page - Texas Instruments BQ25710 Datasheet HTML 65Page - Texas Instruments BQ25710 Datasheet HTML 66Page - Texas Instruments BQ25710 Datasheet HTML 67Page - Texas Instruments BQ25710 Datasheet HTML 68Page - Texas Instruments BQ25710 Datasheet HTML 69Page - Texas Instruments BQ25710 Datasheet HTML 70Page - Texas Instruments BQ25710 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
67
BQ25710
www.ti.com
SLUSD20 – JULY 2018
Product Folder Links: BQ25710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.6.12 ADCVSYSVBAT Register (SMBus address = 26h)
VSYS: Full range: 2.88 V to 19.2 V, LSB: 64 mV
VBAT: Full range: 2.88 V to 19.2 V, LSB: 64 mV
Figure 37. ADCVSYSVBAT Register (SMBus address = 26h) (reset = )
15
14
13
12
11
10
9
8
R
R
R
R
R
R
R
R
7
6
5
4
3
2
1
0
R
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 44. ADCVSYSVBAT Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15-8
R
8-bit Digital Output of System Voltage
7-0
R
8-bit Digital Output of Battery Voltage


Similar Part No. - BQ25710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25713 TI1-BQ25713 Datasheet
132Kb / 7P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713 Datasheet
1Mb / 91P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713B TI1-BQ25713B Datasheet
1Mb / 91P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713BRSNR TI1-BQ25713BRSNR Datasheet
1Mb / 91P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713BRSNT TI1-BQ25713BRSNT Datasheet
1Mb / 91P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
More results

Similar Description - BQ25710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25713 TI1-BQ25713 Datasheet
132Kb / 7P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713_18 Datasheet
1Mb / 91P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25708 TI1-BQ25708 Datasheet
1Mb / 77P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25720 TI-BQ25720 Datasheet
3Mb / 106P
[Old version datasheet]   BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25723 TI-BQ25723 Datasheet
3Mb / 108P
[Old version datasheet]   BQ25723 I2C 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ24770 TI-BQ24770_15 Datasheet
794Kb / 11P
[Old version datasheet]   bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
BQ24773 TI-BQ24773_15 Datasheet
794Kb / 11P
[Old version datasheet]   bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
logo
Renesas Technology Corp
ISL9538C RENESAS-ISL9538C Datasheet
169Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Aug 19, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com