Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F641X Datasheet(PDF) 8 Page - Xicor Inc.

Part # X76F641X
Description  Secure SerialFlash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F641X Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X76F641X Datasheet HTML 4Page - Xicor Inc. X76F641X Datasheet HTML 5Page - Xicor Inc. X76F641X Datasheet HTML 6Page - Xicor Inc. X76F641X Datasheet HTML 7Page - Xicor Inc. X76F641X Datasheet HTML 8Page - Xicor Inc. X76F641X Datasheet HTML 9Page - Xicor Inc. X76F641X Datasheet HTML 10Page - Xicor Inc. X76F641X Datasheet HTML 11Page - Xicor Inc. X76F641X Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
X76F641
8
Figure 7. Sequential Read
Data X
S
COMMAND
Read
Password
7
Read
Password
0
S
SDA
Data 0
If ACK, then
Wait tWC
OR
ACK POLLING
S
ACK Polling
Repeated
COMMAND
Command
Password Matches
7025 FM 12
PASSWORDS
The sequence in Figure 8 shows how to change (pro-
gram) the passwords. The programming of passwords is
done twice prior to the nonvolatile write cycle in order to
verify that the new password is consistent. After the eight
bytes are entered in the second pass, a comparison
takes place. A mismatch will cause the part to reset and
enter into the standby mode.
Data ACK polling can be used to determine if a password
has been loaded correctly, however the data ACK com-
mand must be issued less than 2ms after the stop bit.
After this time, it cannot be determined if the password
has been loaded correctly, without trying the new pass-
word. To determine if the new password has been loaded
correctly the data ACK polling command is issued imme-
diately following the stop bit. If it returns an ACK, then the
two passes of the new password entry do not match. If it
returns a "no ACK" then the passwords match and a high
voltage cycle is in progress. The high voltage cycle is
complete when a subsequent data ACK command
returns an "ACK".
There is no way to read any of the passwords.
Figure 8. Change Passwords
COMMAND
Old
Password
7
Old
Password
0
S
SDA
New
Password
7
Password
0
New
Password
7
New
Password
0
S
If ACK, then
Two bytes of “0”
Wait tWC
OR
ACK POLLING
S
ACK Polling
Repeated
COMMAND
Command
Password Matches
If immediate ACK,
then New Password error
Data ACK
Polling
If immediate NACK,
then New Password OK
followed by ACK after ~5ms
7025 FM 13


Similar Part No. - X76F641X

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F641X ICMIC-X76F641X Datasheet
153Kb / 17P
   Secure Serial Flash
X76F641X-2.0 ICMIC-X76F641X-2.0 Datasheet
153Kb / 17P
   Secure Serial Flash
X76F641XE ICMIC-X76F641XE Datasheet
153Kb / 17P
   Secure Serial Flash
X76F641XE-2.0 ICMIC-X76F641XE-2.0 Datasheet
153Kb / 17P
   Secure Serial Flash
X76F641XEG ICMIC-X76F641XEG Datasheet
153Kb / 17P
   Secure Serial Flash
More results

Similar Description - X76F641X

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com