Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F641XE-2.0 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X76F641XE-2.0
Description  Secure SerialFlash
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F641XE-2.0 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X76F641XE-2.0 Datasheet HTML 6Page - Xicor Inc. X76F641XE-2.0 Datasheet HTML 7Page - Xicor Inc. X76F641XE-2.0 Datasheet HTML 8Page - Xicor Inc. X76F641XE-2.0 Datasheet HTML 9Page - Xicor Inc. X76F641XE-2.0 Datasheet HTML 10Page - Xicor Inc. X76F641XE-2.0 Datasheet HTML 11Page - Xicor Inc. X76F641XE-2.0 Datasheet HTML 12Page - Xicor Inc. X76F641XE-2.0 Datasheet HTML 13Page - Xicor Inc. X76F641XE-2.0 Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
X76F641
10
RECOMMENDED OPERATING CONDITIONS
7025 FM T05
7025 FM T06
Temp
Min.
Max.
Commercial
0°C
+70°C
Extended
–20°C
+85°C
Supply Voltage
Limits
X76F641
4.5V to 5.5V
X76F641 – 2.0
2.0V to 3.6V
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias ......................–65°C to +135°C
Storage Temperature ...........................–65°C to +150°C
Voltage on any Pin with
Respect to VSS......................................–1V to +7V
D.C. Output Current.................................................. 5mA
Lead Temperature
(Soldering, 10 seconds)................................. 300°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
listed in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
Figure 11. Response to RESET (RST)
SCK
SO
RST
Byte
0
MSB
LSB
LSB
MSB
1
LSB
MSB LSB
MSB
2
3
1 0 0
0 0
1 1
1
0
1
1
0 0 0 0 0
0
0
0
0
1
1 0
1
1
1
0
0
0
1
1 0


Similar Part No. - X76F641XE-2.0

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F641XE-2.0 ICMIC-X76F641XE-2.0 Datasheet
153Kb / 17P
   Secure Serial Flash
More results

Similar Description - X76F641XE-2.0

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com