Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE65101 Datasheet(PDF) 3 Page - NTE Electronics

Part No. NTE65101
Description  Integrated Circuit 256 x 4-Bit Static Random Access Memory (SRAM)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE65101 Datasheet(HTML) 3 Page - NTE Electronics

  NTE65101 Datasheet HTML 1Page - NTE Electronics NTE65101 Datasheet HTML 2Page - NTE Electronics NTE65101 Datasheet HTML 3Page - NTE Electronics NTE65101 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Operating Conditions and Characteristics (Cont’d): (Full operating voltage and temperature
unless otherwise specified)
Read Cycle:
Parameter
Symbol
Min
Max Unit
Read Cycle Time
tRC
450
ns
Access Time
tA
450
ns
Read Cycle (Cont’d):
Parameter
Symbol
Min
Max
Unit
Address Setup Time
tAS
20
ns
Address Hold Time
tAH
0
ns
Chip Enable (CE1) to Output
tCO1
400
ns
Chip Enable (CE2) to Output
tCO2
500
ns
Output Disable to Output
tOD
250
ns
Data Output to High Z State
tDF
0
130
ns
Previous Read Data Valid with Respect to Address Change
tOH1
0
ns
Previous Read Data Valid with Respect to Chip Enable
tOH2
0
ns
Write Cycle:
Parameter
Symbol
Min
Max
Unit
Write Cycle
tWC
450
ns
Write Delay
tAW
130
ns
Chip Enable (CE1) to Write
tCW1
350
ns
Chip Enable (CE2) to Write
tCW2
350
ns
Data Setup
tDW
250
ns
Data Hold
tDH
50
ns
Write Pulse
tWP
250
ns
Write Recovery
tWR
50
ns
Output Disable Setup
tDS
130
ns
Truth Table:
CE1
CE2
OD
R/W
Din
Output
Mode
H
X
X
X
X
High Z
Not Selected
X
L
X
X
X
High Z
Not Selected
X
X
H
H
X
High Z
Output Disable
L
H
H
L
X
High Z
Write
L
H
L
L
X
Din
Write
L
H
L
H
X
Dout
Read


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn