Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F200V8 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X76F200V8
Description  Secure SerialFlash
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F200V8 Datasheet(HTML) 5 Page - Xicor Inc.

  X76F200V8 Datasheet HTML 1Page - Xicor Inc. X76F200V8 Datasheet HTML 2Page - Xicor Inc. X76F200V8 Datasheet HTML 3Page - Xicor Inc. X76F200V8 Datasheet HTML 4Page - Xicor Inc. X76F200V8 Datasheet HTML 5Page - Xicor Inc. X76F200V8 Datasheet HTML 6Page - Xicor Inc. X76F200V8 Datasheet HTML 7Page - Xicor Inc. X76F200V8 Datasheet HTML 8Page - Xicor Inc. X76F200V8 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
X76F200
5
followed by the new command code of 8 bits (1st byte of
the protocol.) If the X76F200 is still busy with the
nonvolatile write operation, it will issue a “no-ACK” in
response. If
the
nonvolatile
write
operation
has
completed, an “ACK” will be returned and the host can
then proceed with the rest of the protocol.
After the password sequence, there is always a
nonvolatile write cycle. This is done to discourage
random guesses of the password if the device is being
tampered with. In order to continue the transaction, the
X76F200 requires the master to perform a password
ACK polling sequence with the specific command code
of 55h. As with regular Acknowledge polling the user can
either time out for 10ms, and then issue the ACK polling
once, or continuously loop as described in the flow.
If the password that was inserted was correct, then an
“ACK” will be returned once the nonvolatile cycle in
response to the passwrod ACK polling sequence is over.
If the password that was inserted was incorrect, then a
“no ACK” will be returned even if the nonvolatile cycle is
over. Therefore, the user cannot be certain that the pass-
word is incorrect until the 10ms write cycle time has
elapsed.
READ OPERATIONS
Read operations are initiated in the same manner as
write operations but with a different command code.
Sector Read
With sector read, a sector address is supplied with the
read
command.
Once
the
password
has
been
acknowledged data may be read from the sector. An
acknowledge must follow each 8-bit data transfer. A read
operation always begins at the first byte in the sector, but
may stop at any time. Random accesses to the array are
not possible. Continuous reading from the array will
return data from successive sectors. After reading the
last sector in the array, the address is automatically set to
the first sector in the array and data can continue to be
read out. After the last bit has been read, a stop condition
is generated without sending a preceding acknowledge.
Data ACK Polling Sequence
ACK
RETURNED
?
ISSUE NEW
COMMAND
CODE
WRITE SEQUENCE
COMPLETED
ENTER ACK POLLING
ISSUE START
NO
YES
PROCEED
Password ACK Polling Sequence
ACK
RETURNED
?
ISSUE
PASSWORD
ACK COMMAND
PASSWORD LOAD
COMPLETED
ENTER ACK POLLING
ISSUE START
NO
YES
PROCEED


Similar Part No. - X76F200V8

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X76F200V8 ICMIC-X76F200V8 Datasheet
389Kb / 16P
   Secure Serial Flash
X76F200V8-2.0 ICMIC-X76F200V8-2.0 Datasheet
389Kb / 16P
   Secure Serial Flash
X76F200V8G ICMIC-X76F200V8G Datasheet
389Kb / 16P
   Secure Serial Flash
X76F200V8G-2.0 ICMIC-X76F200V8G-2.0 Datasheet
389Kb / 16P
   Secure Serial Flash
X76F200V8I ICMIC-X76F200V8I Datasheet
389Kb / 16P
   Secure Serial Flash
More results

Similar Description - X76F200V8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F640 XICOR-X76F640 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
X76F400 ICMIC-X76F400 Datasheet
320Kb / 14P
   Secure SerialFlash
X76F102 ICMIC-X76F102 Datasheet
152Kb / 18P
   Secure SerialFlash
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
X76F102 XICOR-X76F102 Datasheet
103Kb / 18P
   The X76F102 is a Password Access Security Supervisor, containing one 896-bit Secure SerialFlash array
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X25F064 XICOR-X25F064 Datasheet
71Kb / 16P
   SerialFlash??Memory With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com