Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTE6507 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE6507
Description  Integrated Circuit NMOS, 8 Bit Microprocessor (MPU) w/On-Chip Clock OSC
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE6507 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC Characteristics: (VCC = 5V ±5%, TA = 0° to +70°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Max
Unit
Input High Voltage
Logic and
o(in)
VIH
+2.0
VCC
V
Logic
VCC–0.5
VCC+0.25
V
Input Low Voltage
Logic and
o(in)
VIL
–0.3
+0.8
V
Input Loading
RDY
IIL
Vin = 0V, VCC = 5.25V
–10
–300
µA
Input Leakage Current
Logic (Excluding RDY)
Iin
Vin = 0 to 5.25V, VCC = 0
2.5
µA
o(in)
10.0
µA
Three–State (Off State) Input Current
DB0–DB7
ITSI
Vin = 0.4 to 2.4V, VCC = 5.25V
±10
µA
Output High Voltage
DB0–DB7, A0–A15, R/W
VOH
ILOAD = –100µA, VCC = 4.75V
2.4
V
Output Low Voltage
DB0–DB7, A0–A15, R/W
VOL
ILOAD = 1.6mA, VCC = 4.75V
0.4
V
Power Dissipation
PD
VCC = 5.25V
700
mW
Capaticance
RES, RDY,
Cin
Vin = 0, TA = +25°C, f = 1MHz
10
pF
DB0–DB7
15
pF
A0–A15, R/W
Cout
12
pF
o(in)
CO
o(in)
15
pF
Dynamic Operating Characteristics: (VCC = 5V ±5%, TA = 0° to +70°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Max
Unit
Cycle Time
TCYC
1.00
40
µs
o(in) Low Time
TL∅o
Note 2
480
ns
o(in) High Time
TH∅o
Note 2
460
ns
o Neg to ∅1 Pos Delay
T01+
Load = 100pF
10
70
ns
o Neg to ∅2 Neg Delay
T02–
Load = 100pF
5
65
ns
o Pos to ∅1 Neg Delay
T01–
Load = 100pF
5
65
ns
o Pos to ∅2 Pos Delay
T02+
Load = 100pF
15
75
ns
α(in) Rise and Fall Time
TRO, TFO Note 3
0
30
ns
1(OUT) Pulse Width
T
PWH
O
1
T
L
Oo–20
T
L
Oo
ns
2(OUT) Pulse Width
T
PWH
O
2
T
L
Oo–40
T
L
Oo–10
ns
Delay Between
1 and ∅2
TD
5
ns
1 and ∅2 Rise and Fall Times
TR, TF
Load = 1TTL load +30pF, Note 3
25
ns
Note 2. Measured at 50% points.
Note 3. Measured between 10% and 90% points.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn