Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE6507 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE6507
Description  Integrated Circuit NMOS, 8 Bit Microprocessor (MPU) w/On-Chip Clock OSC
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6507 Datasheet(HTML) 1 Page - NTE Electronics

  NTE6507 Datasheet HTML 1Page - NTE Electronics NTE6507 Datasheet HTML 2Page - NTE Electronics NTE6507 Datasheet HTML 3Page - NTE Electronics NTE6507 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE6507
Integrated Circuit
NMOS, 8 Bit Microprocessor (MPU)
w/On–Chip Clock OSC
Description:
The NTE6507 integrated circuit is an 8 bit microprocessor in a 28–Lead DIP type package which pro-
vides a selection of addressable memory range, interrupt input options, and on–chip clock oscillators
and drivers. This device is bus compatible with the MC6800 product offering and is aimed at high
performance, low cost applications where single phase inputs or crystals provide the time base.
Features:
D Single 5V ±5% Power Supply
D N Channel, Silicon Gate, Depletion Load
Technology
D 8 Bit Parallel Processing
D Decimal and Binary Arithmetic
D Thirteen Addressing Modes
D True Indexing Capability
D Programmable Stack Pointer
D Variable Length Stack
D Bi–Directional Data Bus
D Instruction Decoding and Control
D 8k Addressable Bytes of Memory
D “Ready” Input
D Direct Memory Access Capability
D Bus Compatible with MC6800
D On–Board Clock
D 1MHz Operating Frequency
Absolute Maximum Ratings: (Note 1)
Supply Voltage, VCC
–0.3 to +7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, Vin
–0.3 to +7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, TA
0 to +70
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. This device contains input protection against damage due to high static voltages or electric
fields; however, precautions should be taken to avoid application of voltages higher than the
maximum rating.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn