Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE6507 Datasheet(PDF) 3 Page - NTE Electronics

Part No. NTE6507
Description  Integrated Circuit NMOS, 8 Bit Microprocessor (MPU) w/On-Chip Clock OSC
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6507 Datasheet(HTML) 3 Page - NTE Electronics

  NTE6507 Datasheet HTML 1Page - NTE Electronics NTE6507 Datasheet HTML 2Page - NTE Electronics NTE6507 Datasheet HTML 3Page - NTE Electronics NTE6507 Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dynamic Operating Characteristics (Cont’d): (VCC = 5V ±5%, TA = 0 to +70°C unless otherwise
specified)
Parameter
Symbol
Test Conditions
Min
Max
Unit
R/W Setup Time
TRWS
225
ns
R/W Hold Time
TRWH
30
ns
Address Setup Time
TADS
225
ns
Address Hold Time
TADH
30
ns
Read Access Time
TACC
650
ns
Read Data Setup Time
TDSU
100
ns
Read Data Hold Time
THR
10
ns
Write Data Setup Time
TMDS
20
175
ns
Write Data Hold Time
THW
60
150
ns
Sync Setup Time
TSYS
350
ns
Sync Hold Time
TSYH
30
ns
RDY Setup Time
TRS
Note 4
200
ns
Note 4. RDY must never switch states within TRS to end of ∅2.
R/W
Ø 0 (In)
Ø 2 (Out)
RES
VSS
VCC
Pin Connection Diagram
AB 10
DB 5
DB 0
AB 3
AB 0
RDY
AB 1
DB 4
AB 2
1
2
3
4
5
6
7
28
27
26
25
24
23
DB 2
22
DB 3
8
21
AB 5
9
20
AB 4
DB 6
10
19
AB 7
AB 12
AB 6
11
18
DB 7
12
17
AB 8
AB 11
13
16
AB 9 14
15
DB 1


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn