Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SCR586D3 Datasheet(PDF) 3 Page - Rohm

Part No. 2SCR586D3
Description  NPN 5.0A 80V Power Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR586D3 Datasheet(HTML) 3 Page - Rohm

  2SCR586D3 Datasheet HTML 1Page - Rohm 2SCR586D3 Datasheet HTML 2Page - Rohm 2SCR586D3 Datasheet HTML 3Page - Rohm 2SCR586D3 Datasheet HTML 4Page - Rohm 2SCR586D3 Datasheet HTML 5Page - Rohm 2SCR586D3 Datasheet HTML 6Page - Rohm 2SCR586D3 Datasheet HTML 7Page - Rohm 2SCR586D3 Datasheet HTML 8Page - Rohm 2SCR586D3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2SCR586D3
     
Datasheet
l
lElectrical characteristic curves(Ta = 25°C)
Fig.1 Grounded Emitter Propagation
Characteristics
Fig.2 Typical Output Characteristics
Fig.3 DC Current Gain vs. Collector
Current(I)
Fig.4 DC Current Gain vs. Collector
Current(II)
                                                                                           
www.rohm.com
© 2017 ROHM Co., Ltd. All rights reserved.
3/7
20170830 - Rev.002


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn