Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF6520 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF6520
Description  Dual Programmable Filters and VGAs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF6520 Datasheet HTML 4Page - Analog Devices ADRF6520 Datasheet HTML 5Page - Analog Devices ADRF6520 Datasheet HTML 6Page - Analog Devices ADRF6520 Datasheet HTML 7Page - Analog Devices ADRF6520 Datasheet HTML 8Page - Analog Devices ADRF6520 Datasheet HTML 9Page - Analog Devices ADRF6520 Datasheet HTML 10Page - Analog Devices ADRF6520 Datasheet HTML 11Page - Analog Devices ADRF6520 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ADRF6520
Data Sheet
Rev. 0 | Page 8 of 29
TYPICAL PERFORMANCE CHARACTERISTICS
VPS, VPSD = 3.3 V, TA = 25°C, ZLOAD = 100 Ω, dc offset correction loop disable bit (B5) = 1 (enabled), noise spectral density (NSD) measured
at fC/2 and at 500 MHz in bypass mode, unless otherwise noted. Noise figure measured with 100 Ω differential input termination. Worst case
IMD3 tone is reported for all IMD3/IP3 plots.
25
20
15
10
5
0
–5
–10
0
0.25
0.50
0.75
1.00
1.25
1.50
VGN1 (V)
–40°C
+25°C
+85°C
Figure 3. Gain at 500 MHz vs. VGN1 over Temperature; Bypass Mode,
VGN2 = 0 V
60
50
40
30
20
0
0.25
0.50
0.75
1.00
1.25
1.50
VGN2 (V)
–40°C
+25°C
+85°C
Figure 4. Gain at 500 MHz vs. VGN2 over Supply; Bypass Mode,
VGN1 = 1.5 V
25
20
15
10
5
0
–5
–10
0
0.25
0.50
0.75
1.00
1.25
1.50
VGN1 (V)
3.3V
3.45V
3.15V
Figure 5. Gain at 500 MHz vs. VGN1 over Supply; Bypass Mode,
VGN2 = 0 V
3
–3
–2
–1
0
1
2
0
0.25
0.50
0.75
1.00
1.25
1.50
VGN1 (V)
–40°C
+25°C
+85°C
Figure 6. Gain Error at 500 MHz vs. VGN1 over Temperature; Bypass Mode,
VGN2 = 0 V
5
–5
–4
–3
–2
–1
0
1
3
2
4
0
0.25
0.50
0.75
1.00
1.25
1.50
VGN2 (V)
–40°C
+25°C
+85°C
Figure 7. Gain Error at 500 MHz vs. VGN2 over Temperature; Bypass Mode,
VGN1 = 1.5 V
60
50
40
30
20
0
0.25
0.50
0.75
1.00
1.25
1.50
VGN2 (V)
3.3V
3.45V
3.15V
Figure 8. Gain at 500 MHz vs. VGN2 over Supply; Bypass Mode,
VGN1 = 1.5 V


Similar Part No. - ADRF6520

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6521 AD-ADRF6521 Datasheet
1,020Kb / 33P
   Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
ADRF6521-EVALZ AD-ADRF6521-EVALZ Datasheet
1,020Kb / 33P
   Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
ADRF6521ACPZ AD-ADRF6521ACPZ Datasheet
1,020Kb / 33P
   Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
ADRF6521ACPZ-R7 AD-ADRF6521ACPZ-R7 Datasheet
1,020Kb / 33P
   Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
More results

Similar Description - ADRF6520

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8331 AD-AD8331 Datasheet
482Kb / 32P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. C
AD8331 AD-AD8331_10 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. G
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
   Dual Programmable Filters and Variable Gain Amplifiers
ADRF6516 AD-ADRF6516 Datasheet
1Mb / 32P
   31 MHz, Dual Programmable Filters
REV. B
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
   Cascadable IF VGAs with Programmable RMS Detectors
ADRF6510 AD-ADRF6510 Datasheet
563Kb / 28P
   30 MHz Dual Programmable Filters and Variable Gain Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com