Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF6520 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF6520
Description  Dual Programmable Filters and VGAs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520 Datasheet(HTML) 5 Page - Analog Devices

  ADRF6520 Datasheet HTML 1Page - Analog Devices ADRF6520 Datasheet HTML 2Page - Analog Devices ADRF6520 Datasheet HTML 3Page - Analog Devices ADRF6520 Datasheet HTML 4Page - Analog Devices ADRF6520 Datasheet HTML 5Page - Analog Devices ADRF6520 Datasheet HTML 6Page - Analog Devices ADRF6520 Datasheet HTML 7Page - Analog Devices ADRF6520 Datasheet HTML 8Page - Analog Devices ADRF6520 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Data Sheet
ADRF6520
Rev. 0 | Page 5 of 29
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Third Harmonic, HD3
330 MHz fundamental, 1.5 V p-p output level
VGA1 gain = −6 dB, VGA2 = 0 dB
−60.5
dBc
VGA1 gain = 18 dB, VGA2 = 0 dB
−62.5
VGA1 gain = 18 dB, VGA2 = 24 dB
−70.4
dBc
IMD3
496.5 MHz and 503.5 MHz tones, 1.5 V p-p composite
output
VGA1 gain = −6 dB, VGA2 = 0 dB
−68.8
dBc
VGA1 gain = 18 dB, VGA2 = 0 dB
−70
dBc
VGA1 gain = 18 dB, VGA2 = 24 dB
−77
dBc
DIGITAL LOGIC
LE, CLK, DATA, SDO
Input High Voltage, VHIGH
>2
V
Input Low Voltage, VLOW
<0.8
V
Input Current, IHIGH/ILOW
<1
µA
Input Capacitance, CIN
2
pF
SPI TIMING
LE, CLK, DATA, SDO
fCLK
1/tCLK
20
MHz
tDH
DATA hold time
5
ns
tDS
DATA setup time
5
ns
tLH
LE hold time
5
ns
tLS
LE setup time
5
ns
tPW
CLK high pulse width
5
ns
tD
CLK to SDO delay
5
ns
POWER AND ENABLE
VPS, VPSD, COM, COMD, ENBL
Supply Voltage Range
3.15
3.3
3.45
V
Total Supply Current
ENBL = 3.3 V
Maximum bandwidth setting
425
mA
Filter bypassed
390
mA
Disable Current
ENBL = 0 V
10
mA
Disable Threshold
1.6
V
Enable Response Time
Delay following ENBL low to high transition
20
µs
Disable Response Time
Delay following ENBL high to low transition
300
ns


Similar Part No. - ADRF6520

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6521 AD-ADRF6521 Datasheet
1,020Kb / 33P
   Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
ADRF6521-EVALZ AD-ADRF6521-EVALZ Datasheet
1,020Kb / 33P
   Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
ADRF6521ACPZ AD-ADRF6521ACPZ Datasheet
1,020Kb / 33P
   Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
ADRF6521ACPZ-R7 AD-ADRF6521ACPZ-R7 Datasheet
1,020Kb / 33P
   Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
More results

Similar Description - ADRF6520

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8331 AD-AD8331 Datasheet
482Kb / 32P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. C
AD8331 AD-AD8331_10 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. G
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
   Dual Programmable Filters and Variable Gain Amplifiers
ADRF6516 AD-ADRF6516 Datasheet
1Mb / 32P
   31 MHz, Dual Programmable Filters
REV. B
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
   Cascadable IF VGAs with Programmable RMS Detectors
ADRF6510 AD-ADRF6510 Datasheet
563Kb / 28P
   30 MHz Dual Programmable Filters and Variable Gain Amplifiers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com