Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF6516 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF6516
Description  Dual Programmable Filters and Variable Gain Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6516 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF6516_17 Datasheet HTML 14Page - Analog Devices ADRF6516_17 Datasheet HTML 15Page - Analog Devices ADRF6516_17 Datasheet HTML 16Page - Analog Devices ADRF6516_17 Datasheet HTML 17Page - Analog Devices ADRF6516_17 Datasheet HTML 18Page - Analog Devices ADRF6516_17 Datasheet HTML 19Page - Analog Devices ADRF6516_17 Datasheet HTML 20Page - Analog Devices ADRF6516_17 Datasheet HTML 21Page - Analog Devices ADRF6516_17 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
ADRF6516
Data Sheet
Rev. C | Page 18 of 29
GAIN
FROM
FILTERS
COFS
OFSx
OFDS
50dB
VGA
OUTPUT ADC
DRIVER
BASEBAND
OUTPUTS
Figure 48. Offset Compensation Loop Operates Around the VGA
and Output Buffer
The offset compensation loop creates a high-pass corner, fHP,
that is superimposed on the normal Butterworth filter response.
Typically, fHP is many orders of magnitude lower than the lowest
programmed filter bandwidth so that there is no interaction
between them. Setting fHP is accomplished with capacitors,
COFS, from the OFS1 and OFS2 pins to ground. Because the
compensation loop works around the VGA sections, fHP is also
dependent on the total gain of the cascaded VGAs. In general,
the expression for fHP is given by
fHP (Hz) = 6.7 × (Post Filter Linear Gain/COFS (µF))
where Post Filter Linear Gain is expressed in linear terms, not
in decibels (dB), and is the gain following the filters, which
excludes the preamplifier gain of 1.4 (3 dB) or 2 (6 dB).
Note that fHP increases in proportion to the gain. For this reason,
COFS must be chosen at the highest operating gain to guarantee
that fHP is always below the maximum limit required by the system.
PROGRAMMING THE FILTERS AND GAINS
The 0.5 dB corner frequencies for both filters and the gains of
the preamplifiers and postamplifiers are programmed simulta-
neously through the SPI port. An 8-bit register stores the 5-bit
code for corner frequencies of 1 MHz through 31 MHz, as well
as the 1-bit codes for the preamplifier gain, the VGA maximum
gain, and the postamplifier gain (see Table 4). The SPI protocol
not only allows frequency and gain codes to be written to the
DATA pin, but it also allows the stored code to be read back via
the SDO pin.
The latch enable (LE) pin must first go to a Logic 0 for a read or
write cycle to begin. On the next rising edge of the clock (CLK),
a Logic 1 on the DATA pin initiates a write cycle, whereas a
Logic 0 on the DATA pin initiates a read cycle. In a write cycle,
the next eight CLK rising edges latch the desired 8-bit code, LSB
first. When LE goes high, the write cycle is completed and the
frequency and gain codes are presented to the filter and ampli-
fiers. In a read cycle, the next eight CLK falling edges present
the stored 8-bit code, LSB first. When LE goes high, the read
cycle is completed. Detailed timing diagrams are shown in
Figure 2 and Figure 3.
NOISE CHARACTERISTICS
The output noise behavior of the ADRF6516 depends on the gain
and bandwidth settings. Figure 49 and Figure 50 show the total
output noise spectral density vs. frequency for different band-
width settings and VGA gains.
–150
–145
–140
–135
–130
–125
–120
–115
–110
5
15
25
35
45
55
65
75
85
95
FREQUENCY (MHz)
BANDWIDTH = 31MHz
DIGITAL GAIN = 111
GAIN = 20dB
GAIN = 0dB
GAIN = 40dB
Figure 49. Total Output Noise Density with a 31 MHz Corner Frequency
for Three Different Gain Settings
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2
FREQUENCY (MHz)
GAIN = 20dB
GAIN = 0dB
GAIN = 40dB
BANDWIDTH = 1MHz
DIGITAL GAIN = 111
Figure 50. Total Output Noise Density with a 1 MHz Corner Frequency
for Three Different Gain Settings
Both the filter sections and the VGAs contribute to the total noise
at the output. The filter contributes a noise spectral density profile
that is flat at low frequencies, peaks near the corner frequency, and
then rolls off as the filter poles roll off the gain and noise. The
magnitude of the noise spectral density contributed by the filter,
expressed in nV/√Hz, varies inversely with the square root of the
bandwidth setting, resulting in a total integrated noise in nV that is
nearly constant with bandwidth setting. At higher frequencies,
after the filter noise rolls off, the noise floor is set by the VGAs.
Each of the X-AMP VGA sections used in the ADRF6516 con-
tributes a fixed and flat noise spectral density to its respective
output, independent of the gain setting. Because the VGAs are
cascaded in the ADRF6516, the total noise contributed by the
VGAs at the output increases gradually with higher gain. This
is apparent in the noise floor variation at high frequencies at
different VGA gain settings.


Similar Part No. - ADRF6516_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6516-EVALZ AD-ADRF6516-EVALZ Datasheet
1Mb / 32P
   31 MHz, Dual Programmable Filters
REV. B
ADRF6516ACPZ-R7 AD-ADRF6516ACPZ-R7 Datasheet
1Mb / 32P
   31 MHz, Dual Programmable Filters
REV. B
More results

Similar Description - ADRF6516_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
ADRF6510 AD-ADRF6510 Datasheet
563Kb / 28P
   30 MHz Dual Programmable Filters and Variable Gain Amplifiers
REV. 0
ADRF6518 AD-ADRF6518 Datasheet
1Mb / 36P
   63 MHz Dual Programmable Filters and Variable Gain Amplifiers
Rev. PrA
ADRF6518 AD-ADRF6518_17 Datasheet
1Mb / 39P
   1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
   Dual-Digital Variable Gain Amplifiers
AD600 AD-AD600_06 Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
AD602 AD-AD602_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD600 AD-AD600 Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
ADRF6520 AD-ADRF6520 Datasheet
1Mb / 29P
   Dual Programmable Filters and VGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com