Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8338 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8338
Description  Low Power, 18 MHz Variable Gain Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338 Datasheet(HTML) 2 Page - Analog Devices

  AD8338_16 Datasheet HTML 1Page - Analog Devices AD8338_16 Datasheet HTML 2Page - Analog Devices AD8338_16 Datasheet HTML 3Page - Analog Devices AD8338_16 Datasheet HTML 4Page - Analog Devices AD8338_16 Datasheet HTML 5Page - Analog Devices AD8338_16 Datasheet HTML 6Page - Analog Devices AD8338_16 Datasheet HTML 7Page - Analog Devices AD8338_16 Datasheet HTML 8Page - Analog Devices AD8338_16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AD8338
Data Sheet
Rev. B | Page 2 of 19
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AC Specifications.......................................................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Resistance ...................................................................... 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ...................................................................... 12
Introduction................................................................................ 12
Overall Structure of the AD8338 ............................................. 12
VGA Core.................................................................................... 12
Normal Operating Conditions ................................................. 13
Explanation of the Gain Function............................................ 16
Adjusting The Output Common-Mode Voltage.................... 17
Applications Information .............................................................. 18
Simple On-Off Keyed (OOK) Receiver................................... 18
Outline Dimensions....................................................................... 19
Ordering Guide .......................................................................... 19
REVISION HISTORY
6/2016—Rev. A to Rev. B
Changes to Table 1............................................................................ 3
Changes to Figure 3.......................................................................... 5
Changes to Figure 7 Caption and Figure 8 Caption..................... 6
Changes to Figure 17, Figure 18, and Figure 21 ........................... 8
Changes to FBKP, FBKM, OUTP, and OUTM Pins Section .... 13
Changes to AGC Circuit, VAGC Pin Section and Figure 45 .... 15
Added Equation 5 to Equation 7; Renumbered Sequentially.......15
Changes to Explanation of the Gain Function Section .................16
Deleted Interfacing the AD8338 to an ADC Section and
Figure 19; Renumbered Sequentially................................................19
11/2013—Rev. 0 to Rev. A
Changes to Features Section, Applications Section, and
General Descriptions Section ......................................................... 1
Changes to Table 1............................................................................ 3
Changes to Pin 13 and Pin 14 Descriptions.................................. 5
Added Conditions to Typical Performance Characteristics;
Changes to Figure 4 and Figure 5; Changes to Figure 6, Figure 7,
Figure 8 Captions.............................................................................. 6
Changes to Figure 12 and Figure 13............................................... 7
Changes to Figure 18 and Figure 19............................................... 8
Changes to Figure 22........................................................................ 9
Changes to Figure 35 and Figure 36............................................. 11
Replaced Theory of Operation Section ....................................... 12
Changes to Figure 50...................................................................... 18
Changes to Ordering Guide .......................................................... 20
4/2013—Revision 0: Initial Version


Similar Part No. - AD8338_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8338ACPZ-R7 AD-AD8338ACPZ-R7 Datasheet
406Kb / 16P
   Low Power, 18 MHz Variable Gain Amplifier
REV. 0
AD8338ACPZ-RL AD-AD8338ACPZ-RL Datasheet
406Kb / 16P
   Low Power, 18 MHz Variable Gain Amplifier
REV. 0
More results

Similar Description - AD8338_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8338 AD-AD8338 Datasheet
406Kb / 16P
   Low Power, 18 MHz Variable Gain Amplifier
REV. 0
logo
National Semiconductor ...
CLC5523 NSC-CLC5523 Datasheet
154Kb / 12P
   Low-Power, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603_07 Datasheet
551Kb / 24P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
AD603 AD-AD603 Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603 AD-AD603_05 Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
AD603 AD-AD603_15 Datasheet
994Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD603 AD-AD603_17 Datasheet
815Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
AD8330 AD-AD8330 Datasheet
681Kb / 28P
   Low Cost DC-150 MHz Variable Gain Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com