Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TORX194 Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TORX194
Description  FIBER OPTIC RECEIVING MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TORX194 Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TORX194 Datasheet HTML 2Page - Toshiba Semiconductor TORX194 Datasheet HTML 3Page - Toshiba Semiconductor TORX194 Datasheet HTML 4Page - Toshiba Semiconductor TORX194 Datasheet HTML 5Page - Toshiba Semiconductor TORX194 Datasheet HTML 6Page - Toshiba Semiconductor TORX194 Datasheet HTML 7Page - Toshiba Semiconductor TORX194 Datasheet HTML 8Page - Toshiba Semiconductor TORX194 Datasheet HTML 9Page - Toshiba Semiconductor TORX194 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TORX194
2001-08-10
9
(11) Soldering condition
Solder at 260°C or less for no more than three seconds.
(12) Precautions when disposing of devices and packing materials.
When disposing devices and packing materials, follow the procedures stipulated by local regulations
in order to protect the environment against contamination.
When devices are disposed of, worker safety and protection of the environment must be taken into
account.
(13) Precautions during use
Toshiba is continually working to improve the quality and the reliability of their products.
Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical
sensitivity and their vulnerability to physical stress. It is the responsibility of the buyer, when
utilizing Toshiba products, to observe standards of safety, and to avoid situations in which the
malfunction or failure of a Toshiba product could cause loss of human life, bodily injury or damage to
property.
When developing equipment, please ensure that Toshiba products are used within the specified
operating ranges set forth in the most recent product specifications. Also, please keep in mind the
precautions and conditions set forth in the Toshiba Semiconductor Reliability Handbook.


Similar Part No. - TORX194

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TORX193 TOSHIBA-TORX193 Datasheet
148Kb / 8P
   FIBER OPTIC RECEIVING MODULE
TORX193K TOSHIBA-TORX193K Datasheet
156Kb / 7P
   FIBER OPTIC RECEIVING MODULE
TORX1952 TOSHIBA-TORX1952 Datasheet
181Kb / 6P
   GENERAL PURPOSE OPTICAL RECEIVING MODULE
2016-04-18
TORX1952A TOSHIBA-TORX1952A Datasheet
181Kb / 6P
   GENERAL PURPOSE OPTICAL RECEIVING MODULE
2016-04-18
TORX1952F TOSHIBA-TORX1952F Datasheet
181Kb / 6P
   GENERAL PURPOSE OPTICAL RECEIVING MODULE
2016-04-18
More results

Similar Description - TORX194

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TORX141P TOSHIBA-TORX141P Datasheet
149Kb / 5P
   FIBER OPTIC RECEIVING MODULE
TORX170 TOSHIBA-TORX170 Datasheet
167Kb / 9P
   FIBER OPTIC RECEIVING MODULE
logo
KODENSHI_AUK CORP.
KFO-RX16CA KODENSHI-KFO-RX16CA Datasheet
197Kb / 1P
   Fiber Optic Receiving Module
KFO-RX16CB KODENSHI-KFO-RX16CB Datasheet
199Kb / 1P
   Fiber Optic Receiving Module
logo
Toshiba Semiconductor
TORX193 TOSHIBA-TORX193 Datasheet
148Kb / 8P
   FIBER OPTIC RECEIVING MODULE
TORX173 TOSHIBA-TORX173 Datasheet
134Kb / 7P
   FIBER OPTIC RECEIVING MODULE
TORX1350A TOSHIBA-TORX1350A Datasheet
326Kb / 6P
   FIBER OPTIC RECEIVING MODULE
2020-03-12
TORX178S TOSHIBA-TORX178S Datasheet
111Kb / 4P
   FIBER OPTIC RECEIVING MODULE
TORX198 TOSHIBA-TORX198 Datasheet
145Kb / 8P
   FIBER OPTIC RECEIVING MODULE
logo
Ceramate Technical
RX179ATW CERAMATE-RX179ATW Datasheet
146Kb / 7P
   Fiber Optic Receiving Module
logo
Toshiba Semiconductor
TORX179PL TOSHIBA-TORX179PL Datasheet
367Kb / 6P
   FIBER OPTIC RECEIVING MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com