Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE6407 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE6407
Description  Bilateral Trigger Diodes (DIACS)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6407 Datasheet(HTML) 2 Page - NTE Electronics

  NTE6407 Datasheet HTML 1Page - NTE Electronics NTE6407 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Dynamic Breakback Voltage
NTE6407, NTE6408
VBB
|
∆V±|, at 10mA, Note 3
7
V
NTE6411
|
∆V±|, Note 3
10
V
NTE6412
20
V
Peak Breakover Current
IBO
At Breakover Voltage
25
µA
Peak Pulse Current
NTE6407, NTE6408, NTE6411
ITRM
For 10
µs, 120PPs, TA ≤ +40°C
2.0
A
NTE6412
1.5
A
Note 3. Typical switching time is 900ns measured at IPK.
1.100 (27.9)
.210 (5.33)
Max
.107 (2.73)
.030 (.726)


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HT-32Bilateral Trigger Diacs 1 2 3 4 Teccor Electronics
DB310KBI-DIRECTIONAL TRIGGER DIODES 1 2 3 Wing Shing Computer Components
D32PBI-DIRECTIONAL TRIGGER DIACS 1 EIC discrete Semiconductors
LLDB-3Trigger Diodes 1 GOOD-ARK Electronics
BI-DORECTIONALDO-35 GLASS-SEALED BI-DIRECTIONAL TRIGGER DIODES 1 2 Leshan Radio Company
DB3TRIGGER DIODES 1 2 Hi-Sincerity Mocroelectronics
DB3TRIGGER DIODES 1 2 3 4 STMicroelectronics
74V1G66SINGLE BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
TC4S66FBILATERAL SWITCH 1 2 3 4 5 MoreToshiba Semiconductor
2N4993Silicon bilateral switch SBS in package TO-92 1 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn