Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE6407 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE6407
Description  Bilateral Trigger Diodes (DIACS)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6407 Datasheet(HTML) 1 Page - NTE Electronics

  NTE6407 Datasheet HTML 1Page - NTE Electronics NTE6407 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE6407, NTE6408,
NTE6411, NTE6412
Bilateral Trigger Diodes (DIACS)
Description:
The NTE6407 thru NTE6412 are bilateral trigger DIACs offering a range of voltage characteristics
from 28V to 63V. These devices are triggered from a blocking–to–conduction state for either polarity
of applied voltage whenever the amplitude of applied voltage exceeds the breakover voltage rating
of the DIAC.
Features:
D Glass–Chip Passivation
D DO35 Type Trigger Package
D Wide Voltage Range Selection
Absolute Maximum Ratings:
Maximum Trigger Firing Capacitance
0.1
µF
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Device Dissipation (TA = –40° to +40°C), PD
250mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above +40
°C
3.6mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, Tj
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
278
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Lead (Note 1), RthJL
100
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 1/16” (1.59mm) from case, 10sec max), TL
+230
°C
. . . . . . . .
Note 1. Based on maximum lead temperature of +85
°C at ≤ 250mW.
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Breakover Voltage (Forward and Reverse)
NTE6407
VBO
24
28
32
V
NTE6408
28
32
36
V
NTE6411
35
40
45
V
NTE6412
56
63
70
V
Breakover Voltage Symmetry
NTE6407, NTE6408
∆VBO Note 2
2
V
NTE6411
3
V
NTE6412
4
V
Note 2.
∆VBO = [ |+VBO| – |–VBO| ].


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HT-32Bilateral Trigger Diacs 1 2 3 4 Teccor Electronics
DB310KBI-DIRECTIONAL TRIGGER DIODES 1 2 3 Wing Shing Computer Components
D32PBI-DIRECTIONAL TRIGGER DIACS 1 EIC discrete Semiconductors
LLDB-3Trigger Diodes 1 GOOD-ARK Electronics
BI-DORECTIONALDO-35 GLASS-SEALED BI-DIRECTIONAL TRIGGER DIODES 1 2 Leshan Radio Company
DB3TRIGGER DIODES 1 2 Hi-Sincerity Mocroelectronics
DB3TRIGGER DIODES 1 2 3 4 STMicroelectronics
74V1G66SINGLE BILATERAL SWITCH 1 2 3 4 5 MoreSTMicroelectronics
TC4S66FBILATERAL SWITCH 1 2 3 4 5 MoreToshiba Semiconductor
2N4993Silicon bilateral switch SBS in package TO-92 1 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn