Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO224 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ISO224
Description  Reinforced Isolated Amplifier With Single-Ended Input of 짹12 V and Differential Output of 짹4 V
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO224 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ISO224 Datasheet HTML 11Page - Texas Instruments ISO224 Datasheet HTML 12Page - Texas Instruments ISO224 Datasheet HTML 13Page - Texas Instruments ISO224 Datasheet HTML 14Page - Texas Instruments ISO224 Datasheet HTML 15Page - Texas Instruments ISO224 Datasheet HTML 16Page - Texas Instruments ISO224 Datasheet HTML 17Page - Texas Instruments ISO224 Datasheet HTML 18Page - Texas Instruments ISO224 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
VDD2
VDD1
ISO224
5 V
VAC
R1
R2
AC
Voltage
Source
GND1
VIN
RFLTin
CFLTin
GND1
GND2
5 V
ADC
RFLTout
RFLTout
CFLTout
GND2
IAC
15
ISO224
www.ti.com
SBAS738 – JUNE 2018
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The ISO224 enables high-precision measurement of ±10-V signals that are used in a harsh environment in a
wide range of industrial applications. The high input resistance of the device simplifies the connection of its input
to different sensors or other signal sources. The very low nonlinearity, ac and dc errors, and temperature drift
make the ISO224 a robust, high-performance, isolated amplifier for applications where high voltage isolation is
required. The differential 4-V output offers high immunity to noise and allows connection to a wide range of
analog-to-digital converters (ADCs) powered on a 5-V nominal supply.
9.2 Typical Application
Isolated amplifiers are often used for data acquisition in industrial applications to safely separate the low-voltage
portion of the system from the high common-mode voltage input of the system. The input structure of the ISO224
is optimized for isolated voltage sensing in this kind of application.
Figure 9 shows a typical operation of the device for voltage sensing as used in power line monitoring systems.
The phase voltage amplitude is reduced with a resistive divider to match the input voltage range of the ISO224.
The high input voltage range and the high common-mode transient immunity of the device ensure reliable and
accurate operation even in high-noise environments.
Figure 9. Using the ISO224 for AC Voltage Sensing
9.2.1 Design Requirements
Table 1 summarizes the typical design requirements for an AC power line voltage sensing application.
Table 1. Design Requirements
PARAMETER
VALUE
AC voltage range, VAC
50 V to 750 V
Bandwidth
600 Hz (minimum)
Current through the resistive divider, IAC
1 mA (maximum)


Similar Part No. - ISO224

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO212 BURR-BROWN-ISO212 Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
logo
Rosenberger Hochfrequen...
ISO21207 ROSENBERGER-ISO21207 Datasheet
420Kb / 2P
   Adaptor 4.3-10 plug ??7/16 jack
ISO21207 ROSENBERGER-ISO21207 Datasheet
275Kb / 2P
   Straight Plug
logo
Burr-Brown (TI)
ISO212JP BURR-BROWN-ISO212JP Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
ISO212JP-15 BURR-BROWN-ISO212JP-15 Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
More results

Similar Description - ISO224

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
[Old version datasheet]   AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350_V01 Datasheet
2Mb / 37P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350 Datasheet
1Mb / 28P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
SBASAA6 ??AUGUST 2021
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
   Differential Input and Single-Ended Output
logo
Texas Instruments
AMC1035 TI1-AMC1035_18 Datasheet
423Kb / 22P
[Old version datasheet]   Delta-Sigma Modulator With Bipolar Input of (,-)1 V and Reference Output of 2.5 V
AMC1035 TI1-AMC1035 Datasheet
422Kb / 22P
[Old version datasheet]   Delta-Sigma Modulator With Bipolar Input of ,-1 V and Reference Output of 2.5 V
AMC1035_1811 TI1-AMC1035_1811 Datasheet
1Mb / 33P
[Old version datasheet]   Delta-Sigma Modulator With Bipolar Input of (-)1 V and Reference Output of 2.5 V
AMC1035-Q1 TI1-AMC1035-Q1 Datasheet
763Kb / 32P
[Old version datasheet]   Delta-Sigma Modulator With a Bipolar Input of 짹1 V and Reference Output of 2.5 V
AMC1302-Q1 TI1-AMC1302-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of (,-)50 mV, and High Bandwidth of 280 kHz
AMC1302 TI1-AMC1302 Datasheet
643Kb / 24P
[Old version datasheet]   Precision, Reinforced Isolated Amplifier With High CMTI, Input Voltage Range of 짹50 mV, and High Bandwidth of 300 kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com