Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-2410-1 Datasheet(PDF) 1 Page - Soberton Inc.

Part # PB-2410-1
Description  THIS SPECIFICATION APPLIES TO THE PIEZO BUZZER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

PB-2410-1 Datasheet(HTML) 1 Page - Soberton Inc.

  PB-2410-1 Datasheet HTML 1Page - Soberton Inc. PB-2410-1 Datasheet HTML 2Page - Soberton Inc. PB-2410-1 Datasheet HTML 3Page - Soberton Inc. PB-2410-1 Datasheet HTML 4Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: PB-2410-1
PRODUCT: Piezo Buzzer
EDITION: A/2017
THIS SPECIFICATION APPLIES TO THE PIEZO BUZZER
SPECIFICATION
Test condition: TEMP=+25±2 oC Related humidity=65±5%
item
unit
specification
condition
rated voltage
VDC
12.0
operating volt
VDC
6.0 ~ 15.0
current consumption
mA
Max. 30
At 12VDC, square wave, 3.5kHz
sound output
dBA
86
At 10cm / 12VDC, square wave, 3.5kHz
resonant frequency
Hz
3400
operating temp
oC
-20 ~ +70
storage temp
oC
-30 ~ +80
dimension
mm
ø 23.5 x 9.5
See attached drawing
weight
gram
3.0
material
PPO (Black)
terminal
Pin type (plating Sn)
See attached drawing
environmental
protection regulation
RoHS
ENVIRONMENT TEST
item
test condition
evaluation standard
high temp. test
After being placed in a chamber at +70oC for
96 hours.
Being placed for 4 hours at +25oC, buzzer will be
measured.
The value of oscillation, frequency / current
consumption would be in ±10% compared with
initial one.
The SPL would be in ±10dB compared with initial
one.
low temp. test
After being placed in a chamber at -30oC for
96 hours.
Humidity test
After being placed in a chamber at +70oC,
and 90±5% relative humidity for 96hours
Temp. cycle test
The part will be subjected to 5 cycles.
One cycle shall be consist of:
PAGE 1/4


Similar Part No. - PB-2410-1

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
PB-2410 SOBERTON-PB-2410 Datasheet
42Kb / 1P
   Non-Washable Type
More results

Similar Description - PB-2410-1

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
PT-1625 SOBERTON-PT-1625_17 Datasheet
353Kb / 5P
   THIS SPECIFICATION APPLIES TO THE PIEZO BUZZER
PT-1704 SOBERTON-PT-1704_17 Datasheet
380Kb / 5P
   THIS SPECIFICATION APPLIES TO THE PIEZO BUZZER
PT-1407 SOBERTON-PT-1407_17 Datasheet
359Kb / 5P
   THIS SPECIFICATION APPLIES TO THE PIEZO BUZZER
PT-1707 SOBERTON-PT-1707_17 Datasheet
396Kb / 5P
   THIS SPECIFICATION APPLIES TO THE PIEZO BUZZER
PB-1408-1 SOBERTON-PB-1408-1 Datasheet
171Kb / 4P
   THIS SPECIFICATION APPLIES TO THE PIEZO BUZZER
WT-2505 SOBERTON-WT-2505_17 Datasheet
312Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1201 SOBERTON-WT-1201_17 Datasheet
268Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1612S SOBERTON-WST-1612S_16 Datasheet
340Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1307S SOBERTON-WST-1307S Datasheet
290Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-0905S SOBERTON-WST-0905S_16 Datasheet
300Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com