Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM7605C8 Datasheet(PDF) 3 Page - Golledge Electronics Ltd

Part # OM7605C8
Description  Low Power 32.768kHz SM Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

OM7605C8 Datasheet(HTML) 3 Page - Golledge Electronics Ltd

  OM7605C8 Datasheet HTML 1Page - Golledge Electronics Ltd OM7605C8 Datasheet HTML 2Page - Golledge Electronics Ltd OM7605C8 Datasheet HTML 3Page - Golledge Electronics Ltd OM7605C8 Datasheet HTML 4Page - Golledge Electronics Ltd OM7605C8 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
OM7605C8 3/5
v1.0
To request a quotation for the OM7605C8 please use the
configurable options form to choose the options you require
and then submit your configured product to our team. Our
expert advisers are always happy to help with your
requirements and can be contacted on +44 1460 256 100 or
at sales@golledge.com.
Following product selection you will be issued with a seven
character Golledge part number. Your Golledge part number is
the internationally accepted Golledge manufacturing part
number (MPN) that should be used for all project
documentation, including bills of materials (BoMs) and
purchase orders.
If you have any queries regarding any of our documentation
our dedicated sales team will be happy to help.
Input (pad 3)
Output (pad 1)
'1' level
Enabled
'0' level
Disabled
Note: Pad 3 should not be allowed to float
A:178 / B:8 / C:2.3 / D:1.5 / E:4 / F:0.9 / G:61.5 / H:21
Human Body Model (HBM) 1A (250V to <500V)
Moisture Sensitivity Level (MSL): 1 (or not applicable)
ORDERING INFORMATION
ENABLE / DISABLE FUNCTION
TAPE & REEL SPECIFICATION
HANDLING & STORAGE


Similar Part No. - OM7605C8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7602 ETC-OM7602 Datasheet
35Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
OM7602ST ETC-OM7602ST Datasheet
35Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
OM7603NT ETC2-OM7603NT Datasheet
38Kb / 4P
   Three Terminal, Adjustable Voltage, 1.5 Amp Precision Negative Regulator In Hermetic JEDEC TO-257AA Package
logo
International Rectifier
OM7603SM IRF-OM7603SM Datasheet
30Kb / 2P
   Three Terminal, Adjustable Voltage, 1.0 Amp Precision Negative Regulator In A Hermetic Surface Mount Package
logo
List of Unclassifed Man...
OM7603ST ETC2-OM7603ST Datasheet
38Kb / 4P
   Three Terminal, Adjustable Voltage, 1.5 Amp Precision Negative Regulator In Hermetic JEDEC TO-257AA Package
More results

Similar Description - OM7605C8

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
OM7604C7 GOLLEDGE-OM7604C7 Datasheet
577Kb / 5P
   Low Power 32.768kHz SM Oscillator
OV7604C7 GOLLEDGE-OV7604C7_18 Datasheet
569Kb / 5P
   Low Power 32.768kHz SM Oscillator
OV7605C8 GOLLEDGE-OV7605C8 Datasheet
571Kb / 5P
   Low Power Fully Ceramic 32.768kHz SM Oscillator
logo
EUROQUARTZ limited
XO64 EUROQUARTZ-XO64 Datasheet
248Kb / 1P
   32.768kHz Low Power Clock Oscillator
logo
Abracon Corporation
ASH7KW ABRACON-ASH7KW Datasheet
3Mb / 3P
   32.768kHz LOW POWER SMD CRYTAL OSCILLATOR
02.10.13
logo
Golledge Electronics Lt...
GFO-3301 GOLLEDGE-GFO-3301_18 Datasheet
597Kb / 5P
   1.5~5.5V 32.768kHz Low Power Oscillator
logo
Abracon Corporation
ASTMTXK ABRACON-ASTMTXK Datasheet
3Mb / 6P
   Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.30.15
ABS13 ABRACON-ABS13_15 Datasheet
1Mb / 2P
   32.768kHz SM D LOW PROFILE CRYSTAL
12.18.12
ASTMK ABRACON-ASTMK Datasheet
3Mb / 7P
   Ultra-miniature, Low Power, 32.768kHz MEMS Oscillator
06.17.2017
logo
Golledge Electronics Lt...
OT7602C1 GOLLEDGE-OT7602C1 Datasheet
67Kb / 1P
   SM CMOS Oscillator Low Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com