Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC05-K-480 Datasheet(PDF) 1 Page - Recom International Power

Part # RAC05-K-480
Description  5 Watt Single Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC05-K-480 Datasheet(HTML) 1 Page - Recom International Power

  RAC05-K-480 Datasheet HTML 1Page - Recom International Power RAC05-K-480 Datasheet HTML 2Page - Recom International Power RAC05-K-480 Datasheet HTML 3Page - Recom International Power RAC05-K-480 Datasheet HTML 4Page - Recom International Power RAC05-K-480 Datasheet HTML 5Page - Recom International Power RAC05-K-480 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RAC05-K/480
AC/DC Converter
www.recom-power.com
REV.: 0/2018
PA-1
Features
Regulated
Converter
• Ultra-wide input range 85-528VAC
• OVC
III input rating without additional fuses
• Operating temperature range: -40°C to +80°C
• Overvoltage and overcurrent protected
• Class II installations (without FG)
• EMC compliant without external components
• No load power consumption <0.5W
Description
The RAC05-K/480 series of 5 watt AC/DC units are specially designed for harsh industrial and outdoor
mains conditions. These PCB-mount power supplies are rated to OVC
III conditions from 100-480VAC
nominal input lines with phase-to-phase or single phase operation without any external components
needed. The modules support an operating temperature range from -40°C to +80°C and come with
fully protected outputs as well as EMC class A and B compliance. All these features make them an ideal
fit for integration into smart grid, renewable energy, smart metering and IoT applications.
5 Watt
Single
Output
RAC05-K/480
Selection Guide
Part
Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage Range
Voltage
Current
typ (1)
Load (2)
[VAC]
[VDC]
[mA]
[%]
[µF]
RAC05-05SK/480
85-528
5
1000
63
10000
RAC05-12SK/480
85-528
12
420
65
1200
IEC/EN62368-1 certified
IEC/EN61204 certified
EN55032 certified
EN55014 certified
EN55024 certified
EN61000 certified
CB Report
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max Cap Load is tested at nominal input and full resisitive load
Model Numbering
Ordering Examples:
RAC05-05SK/480
5Vout
Single Output
RAC05-12SK/480
12Vout
Single Output
Single
nom. Output Power
Output Voltage
RAC05-__ _K/480


Similar Part No. - RAC05-K-480

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC05-K-277 RECOM-RAC05-K-277 Datasheet
4Mb / 7P
   5 Watt Single Output
RAC05-K-C14 RECOM-RAC05-K-C14 Datasheet
1Mb / 6P
   5 Watt Single Output
More results

Similar Description - RAC05-K-480

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
PS-M05S05-057 POWER-SYSTEMS-PS-M05S05-057 Datasheet
44Kb / 2P
   Single Output 5 Watt
logo
Recom International Pow...
RAC05-SB RECOM-RAC05-SB Datasheet
86Kb / 2P
   5 Watt Single Output
RAC05-K-277 RECOM-RAC05-K-277 Datasheet
4Mb / 7P
   5 Watt Single Output
R12-100A RECOM-R12-100A Datasheet
80Kb / 3P
   5 Watt Single Output
RAC05-K14 RECOM-RAC05-K14 Datasheet
1Mb / 6P
   5 Watt Single Output
RAC05-3.3SB RECOM-RAC05-3.3SB Datasheet
82Kb / 2P
   5 Watt Single Output
logo
Power Systems GmbH+Co.K...
PS-M05S05-111 POWER-SYSTEMS-PS-M05S05-111 Datasheet
44Kb / 2P
   Single Output 5 Watt
logo
Recom International Pow...
RAC05-K-C14 RECOM-RAC05-K-C14 Datasheet
1Mb / 6P
   5 Watt Single Output
RAC05-3.3SA RECOM-RAC05-3.3SA Datasheet
87Kb / 2P
   5 Watt Single & Dual Output
RAC05-S-DC RECOM-RAC05-S-DC Datasheet
101Kb / 3P
   5 Watt Single / Dual Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com