Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JFN1104LS-AR Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # JFN1104LS-AR
Description  Wide range temperature applicable product
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

JFN1104LS-AR Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  JFN1104LS-AR Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. JFN1104LS-AR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
JFN1104LS-AR
PLCC-2 Type,
IRED Peak Wavelength : 950nm
Outer Dimension 3.5 x 2.8 x 1.9mm( L x W x H )
Standard Product Reference Sheet
Features
Package
Recommended Applications
2013.6.21
Page : 1
Product features
・Right source for various sensors, touch panels, and Security equipment etc.
・Wide range temperature applicable product
・High reliability
(for automotive applications, other high-reliability required applications
and general applications)
・Lead–free soldering compatible
・RoHS compliant


Similar Part No. - JFN1104LS-AR

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JFN JBCAPACITORS-JFN Datasheet
208Kb / 2P
   Non-inductive, (UL940V-0) plastic case sealed with epoxy resin
More results

Similar Description - JFN1104LS-AR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VFSY1104LS-TR STANLEY-VFSY1104LS-TR Datasheet
823Kb / 22P
   Wide range temperature applicable product
VCHB1104LSE-TR STANLEY-VCHB1104LSE-TR Datasheet
776Kb / 23P
   Wide range temperature applicable product
VCEG1104LS-TR STANLEY-VCEG1104LS-TR Datasheet
823Kb / 23P
   Wide range temperature applicable product
VFSR1104LS-TR STANLEY-VFSR1104LS-TR Datasheet
844Kb / 22P
   Wide range temperature applicable product
VCEB1104LS-TR STANLEY-VCEB1104LS-TR Datasheet
837Kb / 23P
   Wide range temperature applicable product
JGN1104LS-AR STANLEY-JGN1104LS-AR Datasheet
649Kb / 23P
   Wide range temperature applicable product
1104LS STANLEY-1104LS Datasheet
599Kb / 21P
   Wide range temperature applicable product
VCEW1154LDS-3C4K3-TR STANLEY-VCEW1154LDS-3C4K3-TR Datasheet
793Kb / 24P
   Wide range temperature applicable product
logo
Xtaltq Technologies Co....
BO2525L XTALTQ-BO2525L Datasheet
242Kb / 2P
   Wide Temperature Range
Mar.27, 2016
BO2020H XTALTQ-BO2020H Datasheet
247Kb / 2P
   Wide Temperature Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com