Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC164-JR07IM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TC164-JR07IM
Description  CHIP RESISTORS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC164-JR07IM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TC164-JR07IM Datasheet HTML 1Page - List of Unclassifed Manufacturers TC164-JR07IM Datasheet HTML 2Page - List of Unclassifed Manufacturers TC164-JR07IM Datasheet HTML 3Page - List of Unclassifed Manufacturers TC164-JR07IM Datasheet HTML 4Page - List of Unclassifed Manufacturers TC164-JR07IM Datasheet HTML 5Page - List of Unclassifed Manufacturers TC164-JR07IM Datasheet HTML 6Page - List of Unclassifed Manufacturers TC164-JR07IM Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.yageo.com
Mar. 24, 2004 V.4
Chip Resistor Surface Mount
3
7
SERIES
TC
164
CHARACTERISTICS
TC164 1/16W
Operating Temperature Range
–55°C to +155°C
Maximum Working Voltage
50V
Maximum Overload Voltage
100V
Dielectric Withstanding Voltage
100V
Number of Resistors
4
Resistance Range
10Ω to 1MΩ
Zero Ohm Jumper <0.05Ω
Temperature Coefficient
±200ppm/°C
Rated Current 1.0A
Jumper Criteria
Maximum Current
2.0A
ELECTRICAL CHARACTERISTICS
POWER RATING
R
RA
AT
TEED
D PPO
OW
WEER
R A
AT
T 7700°°C
C,,
T
TC
C116644 =
=11//1166W
W FFO
OR
R EELLEEM
MEEN
NT
T
R
RA
AT
TEED
D V
VO
OLLT
TA
AG
GEE::
The DC or AC (rms) continuous
working voltage corresponding to
the rated power is determined by
the following formula:
V=√(P X R)
Where
V=Continuous rated DC
or AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (X)
Table 2
MRA632
70
100
−55
50
Tamb (°C)
(%Prated)
0
0
50
100
155
Pmax
Fig. 4 Maximum dissipation (Pmax) in
percentage of rated power as
a function of the operating
ambient temperature (Tamb)


Similar Part No. - TC164-JR07IM

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
TC164-JR-011K2L YAGEO-TC164-JR-011K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-070R YAGEO-TC164-JR-070R Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
   Chip Resistor Surface Mount
TC164-JR-0710R YAGEO-TC164-JR-0710R Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-071K YAGEO-TC164-JR-071K Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results

Similar Description - TC164-JR07IM

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
logo
YAGEO Corporation
TC164-JR-071KL YAGEO-TC164-JR-071KL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com