Electronic Components Datasheet Search |
|
TC164-JR0756K Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
TC164-JR0756K Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 7 page www.yageo.com Mar. 24, 2004 V.4 Chip Resistor Surface Mount 6 7 SERIES TC 164 TYPE TEST METHOD ACCEPTANCE STANDARD Moisture Resistance Place the specimen in the test chamber and subject to 42 damp heat cycles. Each one of which consists of the steps 1 to 7 as figure 9. The total length of test is 1,000 hours. Have the specimen stabilized at room temperature for 24 hours after testing. Measure the resistance to determine R/R(%). Δ ±(2.0%+0.05Ω) No visible damage Life Place the specimen in the oven at 70±2°C. Apply the rated voltage to the specimen at the 1.5 hours on and 0.5 hour off cycle. The total length of test is 1,000 hours. Have the specimen stabilized at room temperature for one hour minimum after testing. Measure the R/R(%). Δ ±(3.0%+0.1Ω) No visible damage Solderability Immerse the specimen in the solder pot at 235±5°C for 5 sec. At least 95% solder coverage on the termination Bending Strength Mount the specimen on a test board as shown in the figure 8. Slowly apply the force till the board is bent for 5±1 sec. Measure the R/R(%) at this position. Δ Type TC164 Bent Distance (d) 1mm ±(1.0%+0.05Ω) No visible damage Fig. 8 Principle of the bending test |
Similar Part No. - TC164-JR0756K |
|
Similar Description - TC164-JR0756K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |