Electronic Components Datasheet Search |
|
TC164-JRI35K6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
TC164-JRI35K6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 7 page www.yageo.com Mar. 24, 2004 V.4 Chip Resistor Surface Mount 2 7 SERIES TC 164 TYPE TC164 B (mm) 0.3±0.15 H (mm) 0.5±0.15 P (mm) 0.8±0.05 L (mm) 3.2±0.20 T (mm) 0.6±0.1 W1 (mm) 0.3±0.15 W2 (mm) 1.6±0.15 Table 1 YNSC021 H a a P L B T W1 W2 Fig. 2 TC164 series chip resistors construction DIMENSION SCHEMATIC R1 R2 R3 R4 YNSC022 12 87 3 6 4 5 Fig. 3 Equivalent circuit diagram For dimension see Fig. 2 and Table 1 R1=R2=R3=R4 TC164 First two digits for significant figure and 3rd digit for number of zeros Letter R: decimal place MARKING Fig. 1 5% Marking, Value=56Ω YNSC020 TC164 – X X X XX XXXX (1) (2) (3) (4) (5) (1) TOLERANCE J = ±5% (2) PACKAGING TYPE R = Paper taping reel (3) TEMPERATURE CHARACTERISTIC OF RESISTANCE G = ±200ppm/°C – = Base on spec (4) SPECIAL TYPE 07 = 7 inch dia. Reel 13 = 13 inch dia. Reel (5) RESISTANCE VALUE: 56R, 560R, 5K6, 56K, 1M. SCOPE This specification describes TC164 series chip resistors made by thick film process. ORDERING INFORMATION Part number is identified by the series, size, tolerance, packing style, temperature coefficient, special type and resistance value. Concave termination |
Similar Part No. - TC164-JRI35K6 |
|
Similar Description - TC164-JRI35K6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |