Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8922BTH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8922BTH
Description  2 X 50 W class-D power amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922BTH Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8922BTH Datasheet HTML 1Page - NXP Semiconductors TDA8922BTH Datasheet HTML 2Page - NXP Semiconductors TDA8922BTH Datasheet HTML 3Page - NXP Semiconductors TDA8922BTH Datasheet HTML 4Page - NXP Semiconductors TDA8922BTH Datasheet HTML 5Page - NXP Semiconductors TDA8922BTH Datasheet HTML 6Page - NXP Semiconductors TDA8922BTH Datasheet HTML 7Page - NXP Semiconductors TDA8922BTH Datasheet HTML 8Page - NXP Semiconductors TDA8922BTH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
9397 750 13357
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 1 October 2004
2 of 32
Philips Semiconductors
TDA8922B
2
× 50 W class-D power amplifier
4.
Quick reference data
5.
Ordering information
Table 1:
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
General; VP = ±26 V
VP
supply voltage
±12.5
±26
±30
V
Iq(tot)
total quiescent
supply current
no load; no filter; no
RC-snubber network
connected
-
5065mA
Stereo single-ended configuration
Po
output power
RL =6 Ω; THD = 10 %;
VP = ±26 V
-50
-
W
RL =8 Ω; THD = 10 %;
VP = ±21 V
-25
-
W
Mono bridge-tied load configuration
Po
output power
RL =8 Ω; THD = 10 %;
VP = ±21 V
-88
-
W
Table 2:
Ordering information
Type number
Package
Name
Description
Version
TDA8922BTH
HSOP24
plastic; heatsink small outline package; 24 leads; low
stand-off height
SOT566-3
TDA8922BJ
DBS23P
plastic DIL-bent-SIL power package; 23 leads
(straight lead length 3.2 mm)
SOT411-1


Similar Part No. - TDA8922BTH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CJ NXP-TDA8922CJ Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CTH NXP-TDA8922CTH Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922C PHILIPS-TDA8922C_15 Datasheet
239Kb / 40P
   2X75 W class-D power amplifier
Rev. 01-7 September 2009
More results

Similar Description - TDA8922BTH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com