Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8922B Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA8922B
Description  2 X 50 W class-D power amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8922B Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA8922B Datasheet HTML 24Page - NXP Semiconductors TDA8922B Datasheet HTML 25Page - NXP Semiconductors TDA8922B Datasheet HTML 26Page - NXP Semiconductors TDA8922B Datasheet HTML 27Page - NXP Semiconductors TDA8922B Datasheet HTML 28Page - NXP Semiconductors TDA8922B Datasheet HTML 29Page - NXP Semiconductors TDA8922B Datasheet HTML 30Page - NXP Semiconductors TDA8922B Datasheet HTML 31Page - NXP Semiconductors TDA8922B Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
9397 750 13357
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Preliminary data sheet
Rev. 01 — 1 October 2004
30 of 32
Philips Semiconductors
TDA8922B
2
× 50 W class-D power amplifier
16.4 Package related soldering information
[1]
For more detailed information on the BGA packages refer to the
(LF)BGA Application Note (AN01026); order a copy from your Philips
Semiconductors sales office.
[2]
All surface mount (SMD) packages are moisture sensitive. Depending upon the moisture content, the maximum temperature (with
respect to time) and body size of the package, there is a risk that internal or external package cracks may occur due to vaporization of
the moisture in them (the so called popcorn effect). For details, refer to the Drypack information in the
Data Handbook IC26; Integrated
Circuit Packages; Section: Packing Methods.
[3]
For SDIP packages, the longitudinal axis must be parallel to the transport direction of the printed-circuit board.
[4]
Hot bar soldering or manual soldering is suitable for PMFP packages.
[5]
These transparent plastic packages are extremely sensitive to reflow soldering conditions and must on no account be processed
through more than one soldering cycle or subjected to infrared reflow soldering with peak temperature exceeding 217
°C ± 10 °C
measured in the atmosphere of the reflow oven. The package body peak temperature must be kept as low as possible.
[6]
These packages are not suitable for wave soldering. On versions with the heatsink on the bottom side, the solder cannot penetrate
between the printed-circuit board and the heatsink. On versions with the heatsink on the top side, the solder might be deposited on the
heatsink surface.
[7]
If wave soldering is considered, then the package must be placed at a 45
° angle to the solder wave direction. The package footprint
must incorporate solder thieves downstream and at the side corners.
[8]
Wave soldering is suitable for LQFP, QFP and TQFP packages with a pitch (e) larger than 0.8 mm; it is definitely not suitable for
packages with a pitch (e) equal to or smaller than 0.65 mm.
[9]
Wave soldering is suitable for SSOP, TSSOP, VSO and VSSOP packages with a pitch (e) equal to or larger than 0.65 mm; it is definitely
not suitable for packages with a pitch (e) equal to or smaller than 0.5 mm.
[10] Image sensor packages in principle should not be soldered. They are mounted in sockets or delivered pre-mounted on flex foil.
However, the image sensor package can be mounted by the client on a flex foil by using a hot bar soldering process. The appropriate
soldering profile can be provided on request.
17. Revision history
Table 11:
Suitability of IC packages for wave, reflow and dipping soldering methods
Mounting
Package [1]
Soldering method
Wave
Reflow [2]
Dipping
Through-hole mount
CPGA, HCPGA
suitable
−−
DBS, DIP, HDIP, RDBS, SDIP, SIL
suitable [3]
suitable
Through-hole-surface
mount
PMFP [4]
not suitable
not suitable
Surface mount
BGA, HTSSON..T [5], LBGA,
LFBGA, SQFP, SSOP..T [5],
TFBGA, VFBGA, XSON
not suitable
suitable
DHVQFN, HBCC, HBGA, HLQFP,
HSO, HSOP, HSQFP, HSSON,
HTQFP, HTSSOP, HVQFN,
HVSON, SMS
not suitable [6]
suitable
PLCC [7], SO, SOJ
suitable
suitable
LQFP, QFP, TQFP
not recommended [7] [8]
suitable
SSOP, TSSOP, VSO, VSSOP
not recommended [9]
suitable
CWQCCN..L [10], WQCCN..L [10]
not suitable
not suitable
Table 12:
Revision history
Document ID
Release date
Data sheet status
Change notice
Order number
Supersedes
TDA8922B_1
20041001
Preliminary data sheet
-
9397 750 13357
-


Similar Part No. - TDA8922B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CJ NXP-TDA8922CJ Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922CTH NXP-TDA8922CTH Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8922C PHILIPS-TDA8922C_15 Datasheet
239Kb / 40P
   2X75 W class-D power amplifier
Rev. 01-7 September 2009
More results

Similar Description - TDA8922B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8920 PHILIPS-TDA8920 Datasheet
129Kb / 16P
   2 x 50 W class-D power amplifier
1998 Dec 01
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8922C NXP-TDA8922C Datasheet
239Kb / 40P
   2 X 75 W class-D power amplifier
Rev. 01-7 September 2009
TDA8920C PHILIPS-TDA8920C_15 Datasheet
242Kb / 39P
   2 X 110 W class-D power amplifier
Rev. 02-11 June 2009
TDA8950 NXP-TDA8950 Datasheet
271Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 01-9 September 2008
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8950 PHILIPS-TDA8950_15 Datasheet
242Kb / 39P
   2 X 150 W class-D power amplifier
Rev. 02-11 June 2009
TDA8922 PHILIPS-TDA8922 Datasheet
748Kb / 36P
   2 x 25 W class-D power amplifier
2003 Mar 20
TDA8920B PHILIPS-TDA8920B Datasheet
209Kb / 34P
   2 X 100 W class-D power amplifier
Rev. 01-1 October 2004
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com