Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

T-13403 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. T-13403
Description  ISDN S Interface Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

T-13403 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  T-13403 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane,
Huntington Beach, CA 92649-1595
Phone: (714) 898-0960
FAX: (714) 896-0971
www.rhombus-ind.com
5
2
1
6
4
3
7
Pri
Sec
1 OF 1
ISDN S Interface Transformer
Turns Ratio ( + 2% )
1CT : 2.5CT
*
SCHEMATIC
DIAGRAM
T-13403
12/09/98
PARAMETER
MIN.
MAX.
UNITS
Open Circuit Inductance
22
mHy
Leakage Inductance
30
µHy
Interwinding Capacitance (C
W/W)
100
pF
Distributed Capacitance (C
D)
150
pF
Primary DC Resistance
2.13
2.88
ohms
Secondary DC Resistance
4.93
6.67
ohms
Isolation (HI-POT)
2.0KV
RMS
TEST CONDITIONS:
Oscillation Voltage = 700mV
Oscillation Frequency = 10.0 KHz
Inductance measured on Primary winding. Pins 1 - 3.
*Short Pins 5 + 6
Flammability: Materials used in the
production of these units are UL94-VO
and meet requirements of IEC 695-2-2
needle flame test.
MEETS THE PULSE WAVEFORM
TEMPLATE OF CCITT I.430.
Primary is Line Side
Unbalanced current at TE:
∆ Idc = 1 mA max.
Longitudinal Conversion Loss - 10KHz to 300
KHz: 60dB min.
PHYSICAL DIMENSIONS
inches (mm)
.740 (18.80)
.710 (18.03)
MAX.
.560
(14.22)
.110
(2.79)
TYP.
.010
(0.25)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.400
(10.16)
MAX.
.360
(9.14)
MAX.
.560
(14.22)


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn