Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T436416A Datasheet(PDF) 9 Page - Taiwan Memory Technology

Part # T436416A
Description  4M X 16 SDRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T436416A Datasheet(HTML) 9 Page - Taiwan Memory Technology

Back Button T436416A Datasheet HTML 5Page - Taiwan Memory Technology T436416A Datasheet HTML 6Page - Taiwan Memory Technology T436416A Datasheet HTML 7Page - Taiwan Memory Technology T436416A Datasheet HTML 8Page - Taiwan Memory Technology T436416A Datasheet HTML 9Page - Taiwan Memory Technology T436416A Datasheet HTML 10Page - Taiwan Memory Technology T436416A Datasheet HTML 11Page - Taiwan Memory Technology T436416A Datasheet HTML 12Page - Taiwan Memory Technology T436416A Datasheet HTML 13Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TE
CH
tm
T436416A
TM Technology Inc. reserves the right
P.9
Publication Date: MAY. 2003
to change products or specifications without notice.
Revision: B
FREQUENCY vs. AC PARAMETER RELATIONAHIP TABLE
T436416A-6S
(Unit : number of clock)
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
Frequency
CAS
Latency
60ns
42ns
18ns
12ns
16ns
6ns
6ns
12ns
166MHz(6.0ns)
3
10
7
3
2
3
1
1
2
143MHz(7.0ns)
3
9
6
3
2
3
1
1
2
125MHz(8.0ns)
2
9
6
3
2
2
1
1
2
111MHz(9.0ns)
2
7
5
2
2
2
1
1
2
100MHz(10.0ns)
2
7
5
2
2
2
1
1
2
T436416A-7S
(Unit : number of clock)
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
Frequency
CAS
Latency
63ns
42ns
20ns
14ns
18ns
7ns
7ns
14ns
143MHz(7.0ns)
3
9
6
3
2
3
1
1
2
125MHz(8.0ns)
3
9
6
3
2
2
1
1
2
111MHz(9.0ns)
2
8
5
3
2
2
1
1
2
100MHz(10.0ns)
2
7
5
2
2
2
1
1
2
83MHz(12.0ns)
2
6
4
2
2
2
1
1
2
T436416A-7.5S
(Unit : number of clock)
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
Frequency
CAS
Latency
65ns
45ns
20ns
15ns
18ns
7.5ns
7.5ns
15ns
133MHz(7.5ns)
3
9
6
3
2
3
1
1
2
125MHz(8.0ns)
3
9
6
3
2
3
1
1
2
111MHz(9.0ns)
2
8
5
3
2
2
1
1
2
100MHz(10.0ns)
2
7
5
2
2
2
1
1
2
83MHz(12.0ns)
2
6
4
2
2
2
1
1
2
T436416A-8S
(Unit : number of clock)
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
Frequency
CAS
Latency
68ns
48ns
20ns
16ns
20ns
8ns
8ns
16ns
125MHz(8.0ns)
3
9
6
3
2
3
1
1
2
111MHz(9.0ns)
3
9
6
3
2
3
1
1
2
100MHz(10.0ns)
2
7
5
2
2
2
1
1
2
83MHz(12.0ns)
2
6
4
2
2
2
1
1
2
75MHz(13.0ns)
2
6
4
2
2
2
1
1
2
T436416A-10S
(Unit : number of clock)
tRC
tRAS
tRP
tRRD
tRCD
tCCD
tCDL
tRDL
Frequency
CAS
Latency
70ns
50ns
20ns
20ns
20ns
10ns
10ns
20ns
100MHz(10.0ns)
2
7
5
2
2
2
1
1
2
83MHz(12.0ns)
2
7
5
2
2
2
1
1
2
75MHz(13.0ns)
2
6
4
2
2
2
1
1
2
66MHz(15.0ns)
2
6
4
2
2
2
1
1
2
60MHz(16.7ns)
2
5
3
2
2
2
1
1
Note 1
Note : 1.
tRDL
≥ 16.7ns is recommended for T436416A
2. Clock count formula : clock
period
clock
value
base
(round off whole number).


Similar Part No. - T436416A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T436416C TMT-T436416C Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
T436416C-6S TMT-T436416C-6S Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
T436416C-6SG TMT-T436416C-6SG Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
T436416C-7S TMT-T436416C-7S Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
T436416C-7SG TMT-T436416C-7SG Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
More results

Similar Description - T436416A

ManufacturerPart #DatasheetDescription
logo
Winbond
W982516BH WINBOND-W982516BH Datasheet
1Mb / 43P
   4M X 4 BANKS X 16 BIT SDRAM
logo
Etron Technology, Inc.
EM638165TS-5G ETRON-EM638165TS-5G Datasheet
519Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
   4M x 16 DDR Synchronous DRAM (SDRAM)
EM638165TS-5IG ETRON-EM638165TS-5IG Datasheet
517Kb / 53P
   4M x 16 bit Synchronous DRAM (SDRAM)
EM6A8160TSA ETRON-EM6A8160TSA Datasheet
412Kb / 51P
   4M x 16 DDR Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323816A GENERALPLUS-GPR323816A Datasheet
1Mb / 57P
   4M x 16 bit Synchronous DRAM (SDRAM)
logo
Winbond
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
   4M x 4 BANKS x 16 BIT DDR SDRAM
W9425G6DH WINBOND-W9425G6DH Datasheet
1Mb / 53P
   4M X 4 BANKS X 16 BITS DDR SDRAM
W9725G6KB25I-TR WINBOND-W9725G6KB25I-TR Datasheet
1Mb / 87P
   4M X 4 BANKS X 16 BIT DDR2 SDRAM
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
   4M X 4 BANKS X 16 BIT DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com